Electronic Components Datasheet Search
  English  ▼

X  

ILN2003AD Datasheet(PDF) 2 Page - IK Semicon Co., Ltd

Part # ILN2003AD
Description  HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAYS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

ILN2003AD Datasheet(HTML) 2 Page - IK Semicon Co., Ltd

  ILN2003AD Datasheet HTML 1Page - IK Semicon Co., Ltd ILN2003AD Datasheet HTML 2Page - IK Semicon Co., Ltd ILN2003AD Datasheet HTML 3Page - IK Semicon Co., Ltd ILN2003AD Datasheet HTML 4Page - IK Semicon Co., Ltd ILN2003AD Datasheet HTML 5Page - IK Semicon Co., Ltd ILN2003AD Datasheet HTML 6Page - IK Semicon Co., Ltd ILN2003AD Datasheet HTML 7Page - IK Semicon Co., Ltd ILN2003AD Datasheet HTML 8Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ILN2003A
2013, April, Rev. 05
Absolute maximum ratings at 25°C free-air temperature (unless otherwise noted)
Collector-emitter voltage
50 V
Input voltage, VI (see Note 1)
30 V Peak
collector current (see Figures 14 and 15)
500 mA
Output clamp current, IOK
500 mA
Total emitter-terminal current
–2.5 A
Continuous total power dissipation
See Dissipation Rating Table
Operating free-air temperature range, TA
–40°C to 85°C
Storage temperature range, Tstg
–65°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260°C
NOTE 1: All voltage values are with respect to the emitter/substrate terminal E, unless otherwise noted.
* Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those
indicated under “recommended operating conditions” is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Dissipation Rating Table
Package
TA=25ºC
Power Rating
Derating Factor
Above TA=25ºC
TA=85ºC
Power Rating
D
950mW
7.6mW/ºC
494mW
N
1150mW
9.2mW/ºC
598mW
Electrical characteristics, TA = 25°C (unless otherwise noted)
Parameter
Test
Fig.
Test
Conditions
Min
Typ
Max
Unit
VI(on)
On-state Input Voltage
6
VCE=2V
IC=125mA
V
IC=200mA
2.4
IC=250mA
2.7
IC=275mA
IC=300mA
3
IC=350mA
VCE(sat)
Collector-emitter
saturation voltage
5
II=250uA
IC=100mA
0.9
1.1
V
II=350uA
IC=200mA
1
1.3
II=500uA
IC=350mA
1.2
1.6
ICEX
Collector outoff current
1
VCE=50V
II=0
50
uA
2
VCE=50V,
TA=85ºC
II=0
100
VI=1V
hFE
DC Current Transfer Ratio
5
VCE=2V, IOUT=350mA
1000
-
-
VF
Clamp forward voltage
8
IF=350mA
1.7
2
V
II(off)
Off-state input current
3
VCE=50V
TA=85ºC
IC=500uA
50
65
uA
II
Input current
4
VI=2.4V
0.4
0.7
mA
VI=5V
VI=12V
IR
Clamp reverse current
7
VR=50V
50
uA
VR=50V
TA=85ºC
100
CI
Input capacitance
VI=0
f=1MHz
15
25
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com