Electronic Components Datasheet Search
  English  ▼

X  

MMA7455LT Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MMA7455LT
Description  Three Axis Low-g Digital Output Accelerometer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7455LT Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MMA7455LT Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA7455LT Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Sensors
Freescale Semiconductor
7
MMA7455L
Table 3. Operating Characteristics
Unless otherwise noted: –40°C < TA < 85°C, 2.4 V < AVDD < 3.6 V, Acceleration = 0g, Loaded output.
Characteristic
Symbol
Min
Typ
Max
Unit
Analog Supply Voltage
Standby/Operation Mode
Enable Bus Mode
Digital I/O Pins Supply Voltage(1)
Standby/Operation Mode
Enable Bus Mode
AVDD
AVDD
DVDD_IO
DVDD_IO
2.4
2.4
2.8
0
2.8
0
3.6
3.6
V
V
V
V
Supply Current Drain
Operation Mode
Pulse Detect Function Mode
Standby Mode (except data loading and I2C/SPI communication period)
IDD
IDD
IDD
—
—
—
400
400
2.5
490
490
10
μA
μA
μA
Operating Temperature Range
TA
-40
25
85
°C
0g Output Signal (TA=25°C, AVDD = 2.8 V)
±2g range (25°C) 8-bit
GLVL[1:0]= 0 1
±4g range (25°C) 8-bit
GLVL[1:0]= 1 0
±8g range (25°C) 8-bit
GLVL[1:0]= 0 0
±8g range (25°C) 10-bit
-18
-10
-5
-18
0
0
0
0
18
10
5
18
count
count
count
count
Sensitivity (TA=25°C, AVDD = 2.8 V)
±2g range (25°C) 8-bit
±4g range (25°C) 8-bit
±8g range (25°C) 8-bit
±8g range (25°C) 10-bit
58
29
14.5
58
64
32
16
64
70
35
17.5
70
count/g
count/g
count/g
count/g
Self-Test Output Response
Zout
ΔSTZ
32
64
83
count
Temperature Compensation for Offset
TCO
±3.5
±0.5
+3.5
mg/°C
Temperature Sensitivity for Offset
TCS
±0.026
±0.01
+0.026
mg/°C
Input High Voltage
Input Low Voltage
VIH
VIL
0.7 x DVDD
—
—
—
—
0.35 x DVDD
V
V
Internal Clock Frequency (TA = 25°C, AVDD = 2.8 V)
tCLK
140
150
160
kHz
SPI Frequency
DVDD_IO < 2.4 V
DVDD_IO > 2.4 V
—
—
4
8
—
—
MHz
MHz
Bandwidth for Data Measurement (User Selectable)
DFBW 0
DFBW 1
—
—
62.5
125
—
—
Hz
Hz
Output Data Rate
Output Data Rate is 125 Hz when 62.5 bandwidth is selected.
Output Data rate is 250 Hz when 125 Hz bandwidth is selected.
—
—
125
250
—
—
Hz
Hz
Control Timing
Wait Time for I2C/SPI ready after power on
Turn On Response Time (Standby to Normal Mode)
Turn Off Response Time (Normal to Standby Mode)
Self-Test Response Time
Sensing Element Resonant Frequency
XY
Z
tsu
tru
trd
tst
fGCELLXY
fGCELLZ
—
—
—
—
—
—
1
—
—
—
6.0
3.4
—
20
20
20
—
—
ms
ms
ms
ms
kHz
kHz
Nonlinearity (2 g range)
-1
—
+1
%FS
Cross Axis Sensitivity
-5
—
+5
%
1. It is recommended to tie the analog and digital supply voltages together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com