Electronic Components Datasheet Search
  English  ▼

X  

MMA7455LR1 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MMA7455LR1
Description  Three Axis Low-g Digital Output Accelerometer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7455LR1 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MMA7455LR1 Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA7455LR1 Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA7455LR1 Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA7455LR1 Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA7455LR1 Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA7455LR1 Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA7455LR1 Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA7455LR1 Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA7455LR1 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Sensors
30
Freescale Semiconductor
MMA7455L
OVERVIEW OF SOLDERING CONSIDERATIONS
Information provided here is based on experiments executed on LGA devices. They do not represent exact conditions present
at a customer site. Hence, information herein should be used as a guidance only and process and design optimizations are
recommended to develop an application specific solution. It should be noted that with the proper PCB footprint and solder stencil
designs the package will self-align during the solder reflow process.
The following are the recommended guidelines to follow for mounting LGA sensors for consumer applications.
PCB MOUNTING RECOMMENDATIONS
1.
The PCB land should be designed with Non Solder Mask Defined (NSMD) as shown in Figure 21.
2.
No additional metal pattern underneath package as shown in Figure 20.
3.
PCB land pad is 0.9 mm x 0.6 mm which is the size of the package pad plus 0.1 mm as shown in Figure 21.
4.
The solder mask opening is equal to the size of the PCB land pad plus an extra 0.1 mm as shown in Figure 21.
5.
The stencil aperture size is equal to the PCB land pad – 0.025mm.
Figure 19. Incorrect PCB Top Metal Pattern Under
Package
Figure 20. Correct PCB Top Metal Pattern Under Package
Figure 21. Recommended PCB Land Pad, Solder Mask, and Signal Trace Near Package Design
Example of 2 layer PCB
Top metal pattern
under package area
Via structure under
LGA package w/ solder
PCB top metal layer
Top metal pattern
under package area
Via structure under
package area
0.8 mm
0.5 mm
PCB land pattern - NSMD
SM opening = PCB land pad + 0.1mm
= 1.0 x 0.7mm sq.
Cu: 0.9 x 0.6 mm sq.
Signal trace near
package: 0.1mm width
and min. 0.5mm length
are recommended.
Wider trace can be
continued after these.
Wider trace
Pad Dimension by Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com