Electronic Components Datasheet Search
  English  ▼

X  

MC68HC908GR4MP Datasheet(PDF) 294 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 294 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 290Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 291Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 292Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 293Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 294Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 295Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 296Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 297Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 298Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 408 page
background image
System Integration Module (SIM)
Technical Data
MC68HC908GR8 — Rev 4.0
294
System Integration Module (SIM)
MOTOROLA
19.8.1 SIM Break Status Register
The SIM break status register (SBSR) contains a flag to indicate that a
break caused an exit from stop mode or wait mode.
SBSW — SIM Break Stop/Wait
This status bit is useful in applications requiring a return to wait or stop
mode after exiting from a break interrupt. Clear SBSW by writing a
logic 0 to it. Reset clears SBSW.
1 = Stop mode or wait mode was exited by break interrupt.
0 = Stop mode or wait mode was not exited by break interrupt.
SBSW can be read within the break state SWI routine. The user can
modify the return address on the stack by subtracting one from it. The
following code is an example of this. Writing 0 to the SBSW bit clears it.
Address:
$FE00
Bit 7
654321
Bit 0
Read:
RRRRRR
SBSW
R
Write:
Note(1)
Reset:
00000000
R= Reserved
Note: 1. Writing a logic 0 clears SBSW.
Figure 19-20. SIM Break Status Register (SBSR)
This code works if the H register has been pushed onto the stack in the break
service routine software. This code should be executed at the end of the break
service routine software.
HIBYTE
EQU
5
;
LOBYTE
EQU
6
;
If not SBSW, do RTI
;
BRCLR
SBSW,SBSR, RETURN
;
;
See if wait mode or stop mode was exited by
break.
TST
LOBYTE,SP
;If RETURNLO is not zero,
BNE
DOLO
;then just decrement low byte.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com