Electronic Components Datasheet Search
  English  ▼

X  

MC68HC908GR4MP Datasheet(PDF) 298 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 298 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 294Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 295Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 296Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 297Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 298Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 299Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 300Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 301Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 302Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 408 page
background image
Serial Peripheral Interface (SPI)
Technical Data
MC68HC908GR8 — Rev 4.0
298
Serial Peripheral Interface (SPI)
MOTOROLA
20.3 Features
Features of the SPI module include:
•
Full-duplex operation
•
Master and slave modes
•
Double-buffered operation with separate transmit and receive
registers
•
Four master mode frequencies (maximum = bus frequency
÷ 2)
•
Maximum slave mode frequency = bus frequency
•
Serial clock with programmable polarity and phase
•
Two separately enabled interrupts:
–
SPRF (SPI receiver full)
–
SPTE (SPI transmitter empty)
•
Mode fault error flag with CPU interrupt capability
•
Overflow error flag with CPU interrupt capability
•
Programmable wired-OR mode
•
I2C (inter-integrated circuit) compatibility
•
I/O (input/output) port bit(s) software configurable with pullup
device(s) if configured as input port bit(s)
20.4 Pin Name Conventions and I/O Register Addresses
The text that follows describes the SPI. The SPI I/O pin names are SS
(slave select), SPSCK (SPI serial clock), CGND (clock ground), MOSI
(master out slave in), and MISO (master in/slave out). The SPI shares
four I/O pins with four parallel I/O ports.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com