Electronic Components Datasheet Search
  English  ▼

X  

MC68HC908GR4MP Datasheet(PDF) 300 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 300 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 296Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 297Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 298Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 299Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 300Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 301Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 302Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 303Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 304Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 408 page
background image
Serial Peripheral Interface (SPI)
Technical Data
MC68HC908GR8 — Rev 4.0
300
Serial Peripheral Interface (SPI)
MOTOROLA
Figure 20-2. SPI Module Block Diagram
The SPI module allows full-duplex, synchronous, serial communication
between the MCU and peripheral devices, including other MCUs.
Software can poll the SPI status flags or SPI operation can be interrupt-
driven.
If a port bit is configured for input, then an internal pullup device may be
enabled for that port bit. See Port D Input Pullup Enable Register.
TRANSMITTER CPU INTERRUPT REQUEST
RESERVED
RECEIVER/ERROR CPU INTERRUPT REQUEST
76543210
SPR1
SPMSTR
TRANSMIT DATA REGISTER
SHIFT REGISTER
SPR0
CGMOUT
÷ 2
CLOCK
SELECT
÷ 2
CLOCK
DIVIDER
÷ 8
÷ 32
÷ 128
CLOCK
LOGIC
CPHA
CPOL
SPI
SPRIE
DMAS
SPE
SPWOM
SPRF
SPTE
OVRF
RESERVED
M
S
PIN
CONTROL
LOGIC
RECEIVE DATA REGISTER
SPTIE
SPE
INTERNAL BUS
FROM SIM
MODFEN
ERRIE
CONTROL
MODF
SPMSTR
MOSI
MISO
SPSCK
SS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com