Electronic Components Datasheet Search
  English  ▼

X  

MC68HC908GR4MP Datasheet(PDF) 307 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 307 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 303Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 304Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 305Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 306Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 307Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 308Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 309Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 310Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 311Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 408 page
background image
Serial Peripheral Interface (SPI)
Transmission Formats
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Serial Peripheral Interface (SPI)
307
When CPHA = 1 for a slave, the first edge of the SPSCK indicates the
beginning of the transmission. This causes the SPI to leave its idle state
and begin driving the MISO pin with the MSB of its data. Once the
transmission begins, no new data is allowed into the shift register from
the transmit data register. Therefore, the SPI data register of the slave
must be loaded with transmit data before the first edge of SPSCK. Any
data written after the first edge is stored in the transmit data register and
transferred to the shift register after the current transmission.
20.6.4 Transmission Initiation Latency
When the SPI is configured as a master (SPMSTR = 1), writing to the
SPDR starts a transmission. CPHA has no effect on the delay to the start
of the transmission, but it does affect the initial state of the SPSCK
signal. When CPHA = 0, the SPSCK signal remains inactive for the first
half of the first SPSCK cycle. When CPHA = 1, the first SPSCK cycle
begins with an edge on the SPSCK line from its inactive to its active
level. The SPI clock rate (selected by SPR1:SPR0) affects the delay
from the write to SPDR and the start of the SPI transmission. See Figure
20-7. The internal SPI clock in the master is a free-running derivative of
the internal MCU clock. To conserve power, it is enabled only when both
the SPE and SPMSTR bits are set. SPSCK edges occur halfway through
the low time of the internal MCU clock. Since the SPI clock is free-
running, it is uncertain where the write to the SPDR occurs relative to the
slower SPSCK. This uncertainty causes the variation in the initiation
delay shown in Figure 20-7. This delay is no longer than a single SPI bit
time. That is, the maximum delay is two MCU bus cycles for DIV2, eight
MCU bus cycles for DIV8, 32 MCU bus cycles for DIV32, and 128 MCU
bus cycles for DIV128.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com