Electronic Components Datasheet Search
  English  ▼

X  

MC68HC908GR4MP Datasheet(PDF) 309 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 309 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 305Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 306Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 307Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 308Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 309Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 310Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 311Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 312Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 313Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 408 page
background image
Serial Peripheral Interface (SPI)
Queuing Transmission Data
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Serial Peripheral Interface (SPI)
309
20.7 Queuing Transmission Data
The double-buffered transmit data register allows a data byte to be
queued and transmitted. For an SPI configured as a master, a queued
data byte is transmitted immediately after the previous transmission has
completed. The SPI transmitter empty flag (SPTE) indicates when the
transmit data buffer is ready to accept new data. Write to the transmit
data register only when the SPTE bit is high. Figure 20-8 shows the
timing associated with doing back-to-back transmissions with the SPI
(SPSCK has CPHA: CPOL = 1:0).
Figure 20-8. .SPRF/SPTE CPU Interrupt Timing
The transmit data buffer allows back-to-back transmissions without the
slave precisely timing its writes between transmissions as in a system
with a single data buffer. Also, if no new data is written to the data buffer,
the last value contained in the shift register is the next data word to be
transmitted.
BIT
3
MOSI
SPSCK
SPTE
WRITE TO SPDR
1
CPU WRITES BYTE 2 TO SPDR, QUEUEING BYTE 2
CPU WRITES BYTE 1 TO SPDR, CLEARING SPTE BIT.
BYTE 1 TRANSFERS FROM TRANSMIT DATA
3
1
2
2
3
5
REGISTER TO SHIFT REGISTER, SETTING SPTE BIT.
SPRF
READ SPSCR
MSB BIT
6
BIT
5
BIT
4
BIT
2
BIT
1
LSB MSB BIT
6
BIT
5
BIT
4
BIT
3
BIT
2
BIT
1
LSB MSB BIT
6
BYTE 2 TRANSFERS FROM TRANSMIT DATA
CPU WRITES BYTE 3 TO SPDR, QUEUEING BYTE
BYTE 3 TRANSFERS FROM TRANSMIT DATA
5
8
10
8
10
4
FIRST INCOMING BYTE TRANSFERS FROM SHIFT
6
CPU READS SPSCR WITH SPRF BIT SET.
4
6
9
SECOND INCOMING BYTE TRANSFERS FROM SHIFT
9
11
AND CLEARING SPTE BIT.
REGISTER TO SHIFT REGISTER, SETTING SPTE BIT.
REGISTER TO RECEIVE DATA REGISTER, SETTING
SPRF BIT.
3 AND CLEARING SPTE BIT.
REGISTER TO SHIFT REGISTER, SETTING SPTE BIT.
REGISTER TO RECEIVE DATA REGISTER, SETTING
SPRF BIT.
12 CPU READS SPDR, CLEARING SPRF BIT.
BIT
5
BIT
4
BYTE 1
BYTE 2
BYTE 3
7
12
READ SPDR
7
CPU READS SPDR, CLEARING SPRF BIT.
11 CPU READS SPSCR WITH SPRF BIT SET.
CPHA:CPOL = 1:0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com