Electronic Components Datasheet Search
  English  ▼

X  

CAT10 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CAT10
Description  4 isolated resistors in an 0804 size package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CAT10 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CAT10 Datasheet HTML 1Page - Bourns Electronic Solutions CAT10 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Packaging Dimensions
4.0 ± 0.1
(.158 ± .004)
1.5 + 0.1 - 0
(.059 + .004 - 0)
2.3 ± 0.2
(.090 ± .008)
1.3 ± 0.2
(.051 ± .008)
2.0 ± 0.05
(.079 ± .002)
1.0
(.040)
MAX.
0.5
(.020)
MAX.
8.0 ± 0.2
(.315 ± .008)
3.5 ± 0.05
(.138 ± .002)
180
(7.087)
2.0 ± 0.5
(.079 ± .020)
60
(2.362)
21.0 ± 0.8
(.827 ± .031)
13.0 ± 0.2
(.511 ± .008)
11.4 ± 1.0
(.449 ± .040)
9.0 ± 0.3
(.354 ± .012)
Model CAT10 - Chip Resistor Array
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
REV.02/08
Soldering Profile for RoHS Compliant Chip Resistors and Arrays
25
75
125
175
225
275
0
50
100
150
200
250
300
Time (seconds)
60 - 120 seconds
60 - 90
seconds
260 °C peak
190 °C
150 °C
220 °C
Ramp Down
6 °C/second
255 °C
Maximum of 20 seconds between
+255 °C and +260 °C
Ramp Up
3 °C/second maximum
10 seconds minimum
<1>
<1>



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com