Electronic Components Datasheet Search
  English  ▼

X  

ER74100RDL Datasheet(PDF) 1 Page - Tyco Electronics

Part # ER74100RDL
Description  Type ER/ERV Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ER74100RDL Datasheet(HTML) 1 Page - Tyco Electronics

  ER74100RDL Datasheet HTML 1Page - Tyco Electronics ER74100RDL Datasheet HTML 2Page - Tyco Electronics ER74100RDL Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type ER/ERV Series
A tough silicone coated power
resistor. The coating and marking
are resistant to Trichloroethene VG,
Genklene LV Hot and Cold, Freon
TE, Arklone A, Flourosil E, Freon
TMS, Arklone L Hot and Cold and
Arklone F Hot. If the resistor is in
contact with the PCB the maximum
dissipation to avoid damage to the
PCB
may
be
ascertained
by
reference
to
the
hot
spot
temperature
graph.
Vertical
mounting style is available. The ER
series is suited to a wide range of
industrial, control, medical and
consumer applications.
Key Features
■ High Power Dissipation
■ Tough Silicone Coating
■ Special Pulse Styles
Available
■ 0.5% Tolerance Available
■ Resistant to Most
Solvents
■ Vertical Mount Styles
Available
■ Custom Designs
Welcomed
■ Widely Available via
Distribution
Characteristics - ER Series
Electrical
ER74
ER58
ER16
ER17
Power Rating (W) at 40°C:
3W
7W
11W
14W
Power Rating (W) at 70°C:
2.5W
6W
9W
12W
Resistance Range:
R03-10K
R05 - 20K
R13-68K
R20-100K
Maximum Element Volts:
100V
200V
500V
750V
Characteristics - ERV Series
Electrical
ERV74
ERV58
ERV16
Power Rating (W) at 20°C*:
3W
7W
11W
Power Rating (W) at 70°C*:
1.5W
3W
5W
Resistance Range:
R10-3K9
R10-6K8
R15-27K
Maximum Element Volts:
100V
200V
500V
* When mounted in the horizontal and vertical plane only - inverted mounting may result in heat damage of the PCB
- Consult Technical Department
Power Ratings
Dissipation / Ambient Temperature
Characteristics -
Environmental
Temperature Category:
-55°C to 200°C
Humidity Classification:
56 days
Standard Tolerances:
ER Series < 1 ohm ± 10% ~ > 1 ohm ± 5%
ERV Series E24 - 5% ~ E12 10%
Tolerances of down to:
± 0.5% are available
Load Life Stability:
± 5%
Temperature Coefficient*:
< 1 ohm 0 ± 200ppm/°C maximum
> 1 ohm 0 + 60 ppm/°C typical
*Very low temperature coefficients to ± 20ppm/°C are available to special order
Solderability conforms to:
BS 2011 Test 2.1 Ta Solder bath method
(IEC 68-2-20) Wets in < 2 seconds
Termination Robustness:
BS 2011 Test 2.1 Ua withstands 0.5 kg tensile load
and double bend with 0.25 kg load
Endurance - 1000hrs @ 200°C:
ΔR -0 +2%
Overload:
10 time rated dissipation for 5 seconds ΔR ± 0.5%
Humidity:
56 days/95% R.H./ +_45°C -0 +5%
Temperature Rapid Change:
ΔR ± 0.03%
Power Ratings
Hot Spot Temperature @ 40°C
0
20
50
70
100
150
200
Ambient Temperature (°C)
15
12
9
6
3
14
11
7
ER17
ER16
ER58
ER74
ER74
ER58
ER16
ER17
0
2
4
6
8
101214
16
Rating (Watts)
400
300
200
100
20
Literature No. 1773212
Issued: 11-08
Dimensions are shown for
reference purposes only.
Dimensions are in
millimetres unless
otherwise specified.
Specifications subject to
change.
tycoelectronics.com
passives.tycoelectronics.com
High Power Resistors
Type ER/ERV Series


Similar Part No. - ER74100RDL

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
ER751701DD1 NICHICON-ER751701DD1 Datasheet
445Kb / 1P
Film Capacitors for Power Electronics
ER751701DD1 NICHICON-ER751701DD1 Datasheet
444Kb / 1P
For DC Filter, SH Type, Safety mechanism Dry type
logo
Microsemi Corporation
ER7B1 MICROSEMI-ER7B1 Datasheet
39Kb / 1P
3 AMP ENCAPSULATED ASSEMBLIES
More results

Similar Description - ER74100RDL

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
ERF216B1 MICROSEMI-ERF216B1 Datasheet
39Kb / 1P
3 AMP ENCAPSULATED ASSEMBLIES ER SERIES
logo
Ferroxcube Internationa...
ER28 FERROXCUBE-ER28 Datasheet
44Kb / 3P
ER cores
ER35 FERROXCUBE-ER35 Datasheet
44Kb / 3P
ER cores
ER35W FERROXCUBE-ER35W Datasheet
41Kb / 3P
ER cores
ER40 FERROXCUBE-ER40 Datasheet
44Kb / 3P
ER cores
ER42 FERROXCUBE-ER42 Datasheet
44Kb / 3P
ER cores
ER48 FERROXCUBE-ER48 Datasheet
42Kb / 3P
ER cores
ER54 FERROXCUBE-ER54 Datasheet
44Kb / 3P
ER cores
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
Isolation Amplifi er
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
Microwave Amplifi er
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com