Electronic Components Datasheet Search
  English  ▼

X  

IRFHM830PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRFHM830PBF
Description  Battery Operated DC Motor Inverter MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHM830PBF Datasheet(HTML) 5 Page - International Rectifier

  IRFHM830PBF Datasheet HTML 1Page - International Rectifier IRFHM830PBF Datasheet HTML 2Page - International Rectifier IRFHM830PBF Datasheet HTML 3Page - International Rectifier IRFHM830PBF Datasheet HTML 4Page - International Rectifier IRFHM830PBF Datasheet HTML 5Page - International Rectifier IRFHM830PBF Datasheet HTML 6Page - International Rectifier IRFHM830PBF Datasheet HTML 7Page - International Rectifier IRFHM830PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRFHM830PbF
www.irf.com
5
Fig 13. Maximum Avalanche Energy vs. Drain Current
Fig 12. On-Resistance vs. Gate Voltage
Fig 14b. Unclamped Inductive Waveforms
Fig 14a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
RG
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
Fig 15a. Switching Time Test Circuit
Fig 15b. Switching Time Waveforms
V
GS
V
DS
90%
10%
t
d(on)
t
d(off)
t
r
t
f
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1
RD
VGS
RG
D.U.T.
10V
+
-VDD
VGS
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
100
200
300
400
ID
TOP
5.8A
11A
BOTTOM 20A
2
4
6
8
10
12
14
16
18
20
VGS, Gate -to -Source Voltage (V)
2
4
6
8
10
12
ID = 20A
TJ = 25°C
TJ = 125°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com