Electronic Components Datasheet Search
  English  ▼

X  

ADET-5000 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADET-5000
Description  RF Power Detector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADET-5000 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ADET-5000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADET-5000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADET-5000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADET-5000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADET-5000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADET-5000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Absolute Maximum Ratings
No damage assuming only one parameter is set at limit at a time with all other parameters set at or below nominal value
Operation of any single parameter outside these conditions with the remaining parameters set at or below nominal
values may result in permanent damage
Description
Max.
Unit
RF Input Power (Pin)
13
dBm
DC Supply / Control Voltage (Ven)
3
V
Storage Temperature (Tstg)
-30 to +125
C
Recommended Operating Conditions
Description
Min.
Typ.
Max.
Unit
Enable Voltage (Ven
Low
High
0
2.0
0.2
2.2
0.5
2.7
V
Enable Current (Ien @ Ven = 2.7 V)
800
1000
A
Case Temperature
-30
25
85
C
Electrical Characteristics
– Conditions: Ven = 2.2 V, T = 25° C, Zload = 100 kohm in parallel with 12 pF
Characteristics
Condition
Min.
Typ.
Max.
Unit
Operating Frequency Range
 
700
–
2600
MHz
Power Detect Range (Pin)
-20
–
+11
dBm
Average Output Voltage
Pin = +9 dBm
Pin = -11.5 dBm
Pin = -12.5 dBm
0.93
0.45
0.45
1.10
0.48
0.47
1.30
0.50
0.49
V
Power Detect Slope
Pin = -12.5 dBm
4.3
5.3
9.3
mV/dB
Len (RF input = off )
150
350
1000
A
DC Offset
Output Voltage with RF Off
450
mV
RF Input Resistance
Rext open (not connected)
100
ohms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com