Electronic Components Datasheet Search
  English  ▼

X  

SC000013 Datasheet(PDF) 6 Page - Amphenol Corporation

Part # SC000013
Description  MotionGrade M23 and M40 Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

SC000013 Datasheet(HTML) 6 Page - Amphenol Corporation

Back Button SC000013 Datasheet HTML 2Page - Amphenol Corporation SC000013 Datasheet HTML 3Page - Amphenol Corporation SC000013 Datasheet HTML 4Page - Amphenol Corporation SC000013 Datasheet HTML 5Page - Amphenol Corporation SC000013 Datasheet HTML 6Page - Amphenol Corporation SC000013 Datasheet HTML 7Page - Amphenol Corporation SC000013 Datasheet HTML 8Page - Amphenol Corporation SC000013 Datasheet HTML 9Page - Amphenol Corporation SC000013 Datasheet HTML 10Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
5
Amphenol Sine Systems
TYPE
6pos
8pos
9pos
P/N
MB1JJN0600
MB1JJN0800
MB1JJN0900
TYPE
6pos
8pos
9pos
P/N
MB1EJN0600
MB1EJN0800
MB1EJN0900
TYPE
6pos
8pos
9pos
P/N
MB1CKN0600
MB1CKN0800
MB1CKN0900
M23 Power Solutions - B Series
Plugs (Less contacts)
A
B
C
D
4
3
1
1
2
4
5
6
E
G
L
F
H
A
B
C
Rotatable 90° Plugs (Less contacts)
Straight Receptacles (Less contacts)
Rotatable 90° Receptacles (Less contacts)
Extensions (Less contacts)
M23 B Series (Face view of socket insert)
6pos
8pos
9pos
PART NUMBER
PART NUMBER
SC000035
SC000036
SC000013
SC000044
SC000014
SC000045
CONTACT SIZE
CONTACT SIZE
1.0mm
2.0mm
1.0mm
1.0mm
2.0mm
2.0mm
TYPE
TYPE
Machined
Machined
RockSolid™
Slit Machined
RockSolid™
Slit Machined
CRIMP BARREL (MAX)
CRIMP BARREL (MAX)
1.0mm2
(18 GA)
2.5mm2
(14 GA)
1.0mm2
(18 GA)
1.0mm2
(18 GA)
2.5mm2
(14 GA)
2.5mm2
(14 GA)
EXTRACTION TOOL
EXTRACTION TOOL
50-54931-1
50-54931-2
50-54931-1
50-54931-1
50-54931-2
50-54931-2
Pins
TYPE
6pos
8pos
9pos
P/N
MB1LLN0600
MB1LLN0800
MB1LLN0900
TYPE
6pos
8pos
9pos
P/N
MB1RJN0601
MB1RJN0801
MB1RJN0901
19.8mm
19.8mm
M2.5mm
Ø20mm
25.2mm
28.3mm
57mm
43.5mm
19.8mm
19.8mm
M2.5mm
Ø20mm
25.2mm
28.3mm
57mm
43.5mm
Mounting
Holes
Mounting
Holes
• Plugs accept Sockets only
• Receptacles & Extensions accept Pins only
• For information on RockSolid™, please refer to page 2
Contact Size Legend
2.0mm
1.0mm
Sockets
Ø27mm
27.8mm
Ø27mm
15mm
30.5mm
60.6mm
33.8mm
25mm
35.3mm
25.7mm
25.7mm
19.8mm
19.8mm
Ø20mm
M2.5mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com