Electronic Components Datasheet Search
  English  ▼

X  

AVT-53663 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AVT-53663
Description  DC ??6000 MHz InGaP HBT Gain Block
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AVT-53663 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AVT-53663 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AVT-53663 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AVT-53663 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AVT-53663 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AVT-53663 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AVT-53663 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AVT-53663 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AVT-53663 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AVT-53663 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Absolute Maximum Rating[1] TA=25°C
Symbol
Parameter
Units
Absolute Max.
Id
Device Current
mA
80
PIN,MAX
CW RF Input Power
dBm
18
PDISS
Total Power Dissipation [3]
mW
327
TOPT
Operating Temperature
°C
-40 to 85
TJ,MAX
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Thermal Resistance
Thermal Resistance [2]
jc = 184°C/W
(Id = 48 mA, Tc = 85°C)
Notes:
1. Operation of this device in excess of any of
these limits may cause permanent damage.
2. Thermal resistance measured using Infrared
measurement technique.
3. Ground lead temperature is 25°C. Derate
5.5mW/°C for Tc >90°C.
Electrical Specifications [1]
TA = 25°C, Zo = 50
, VCC = 5 V, Rbias = 22 , Pin = -15 dBm (unless specified otherwise)
Symbol
Parameter and Test Condition
Frequency
Units
Min.
Typ.
Max.
Id
Device Current
mA
44.0
47.6
51.0
Gp
Power Gain
900 MHz
2000 MHz
dB
18.0
21.8
19.5
21.0
OIP3 [2]
Output 3rd Intercept Point
900 MHz
2000 MHz
dBm
25.0
28.9
26.5
S11
Input Return Loss, 50
 source
900 MHz
2000 MHz
dB
-16.5
-12.0
S22
Output Return Loss, 50
 load
900MHz
2000 MHz
dB
-17.3
-13.4
S12
Reverse Isolation
900 MHz
2000 MHz
dB
-24.3
-24.7
P1dB
Output Power at 1dB Gain Compression
900 MHz
2000 MHz
dBm
16.0
15.1
NF
Noise Figure
900 MHz
2000 MHz
dB
2.9
3.2
Notes:
1. Measurements obtained on CPWG line with reference plane at the ends of DUT leads (as shown in Figure 1).
2. OIP3 test condition: FRF1 - FRF2 = 10MHz with input power of -23 dBm per tone measured at worse side band.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com