Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 45 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 45 Page - TDK Electronics

Back Button C2012 Datasheet HTML 41Page - TDK Electronics C2012 Datasheet HTML 42Page - TDK Electronics C2012 Datasheet HTML 43Page - TDK Electronics C2012 Datasheet HTML 44Page - TDK Electronics C2012 Datasheet HTML 45Page - TDK Electronics C2012 Datasheet HTML 46Page - TDK Electronics C2012 Datasheet HTML 47Page - TDK Electronics C2012 Datasheet HTML 48Page - TDK Electronics C2012 Datasheet HTML 49Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 2 (Temperature Stable)
Temperature Characteristics: X5R (-55 to +85ºC, ±15%)
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 10V
Rated Voltage Edc: 6.3V
Rated Voltage Edc: 4V
47 nF
0402
0.20 ± 0.02
± 20%
C0402X5R0J473M020BC
C0402X5R0G473M020BC
0603
0.30 ± 0.03
± 10%
C0603X5R1A473K030BC
C0603X5R0J473K030BC
± 20%
C0603X5R1A473M030BC
C0603X5R0J473M030BC
1005
0.50 ± 0.05
± 10%
C1005X5R1A473K050BA
± 20%
C1005X5R1A473M050BA
68 nF
0603
0.30 ± 0.03
± 10%
C0603X5R1A683K030BC
C0603X5R0J683K030BC
± 20%
C0603X5R1A683M030BC
C0603X5R0J683M030BC
1005
0.50 ± 0.05
± 10%
C1005X5R1A683K050BA
± 20%
C1005X5R1A683M050BA
100 nF
0402
0.20 ± 0.02
± 20%
C0402X5R0J104M020BC
C0402X5R0G104M020BC
0603
0.30 ± 0.03
± 10%
C0603X5R1A104K030BC
C0603X5R0J104K030BC
± 20%
C0603X5R1A104M030BC
C0603X5R0J104M030BC
1005
0.50 ± 0.05
± 10%
C1005X5R1A104K050BA
C1005X5R0J104K050BA
± 20%
C1005X5R1A104M050BA
150 nF
0603
0.30 ± 0.03
± 10%
C0603X5R1A154K030BB
C0603X5R0J154K030BB
± 20%
C0603X5R1A154M030BB
C0603X5R0J154M030BB
1005
0.50 ± 0.05
± 10%
C1005X5R1A154K050BC
C1005X5R0J154K050BB
± 20%
C1005X5R1A154M050BC
C1005X5R0J154M050BB
220 nF
0603
0.30 ± 0.03
± 10%
C0603X5R1A224K030BB
C0603X5R0J224K030BB
± 20%
C0603X5R1A224M030BB
C0603X5R0J224M030BB
1005
0.50 ± 0.05
± 10%
C1005X5R1A224K050BC
C1005X5R0J224K050BB
± 20%
C1005X5R1A224M050BC
C1005X5R0J224M050BB
330 nF
0603
0.30 ± 0.03
± 10%
C0603X5R1A334K030BC
± 20%
C0603X5R1A334M030BC
C0603X5R0J334M030BC
1005
0.50 ± 0.05
± 10%
C1005X5R1A334K050BB
C1005X5R0J334K050BB
± 20%
C1005X5R1A334M050BB
C1005X5R0J334M050BB
470 nF
0603
0.30 ± 0.03
± 10%
C0603X5R0J474K030BC
± 20%
C0603X5R1A474M030BC
C0603X5R0J474M030BC
1005
0.50 ± 0.05
± 10%
C1005X5R1A474K050BB
C1005X5R0J474K050BB
± 20%
C1005X5R1A474M050BB
C1005X5R0J474M050BB
1608
0.80 +0.15/-0.10
± 10%
C1608X5R1A474K080AA
680 nF
1005
0.50 ± 0.05
± 10%
C1005X5R1A684K050BB
C1005X5R0J684K050BB
± 20%
C1005X5R1A684M050BB
C1005X5R0J684M050BB
1608
0.80 +0.15/-0.10
± 10%
C1608X5R1A684K080AC
± 20%
C1608X5R1A684M080AC
1 F
0603
0.30 ± 0.05
± 20%
C0603X5R0J105M030BC
C0603X5R0G105M030BC
1005
0.50 ± 0.05
± 10%
C1005X5R1A105K050BB
C1005X5R0J105K050BB
± 20%
C1005X5R1A105M050BB
C1005X5R0J105M050BB
1608
0.80 +0.15/-0.10
± 10%
C1608X5R1A105K080AC
± 20%
C1608X5R1A105M080AC
1.5 F
1005
0.50 ± 0.05
± 10%
C1005X5R1A155K050BC
C1005X5R0J155K050BB
± 20%
C1005X5R1A155M050BC
C1005X5R0J155M050BB
1608
0.80 ± 0.10
± 10%
C1608X5R1A155K080AB
C1608X5R0J155K080AB
± 20%
C1608X5R1A155M080AB
C1608X5R0J155M080AB
2.2 F
1005
0.50 ± 0.05
± 10%
C1005X5R1A225K050BC
C1005X5R0J225K050BC
C1005X5R0G225K050BB
± 20%
C1005X5R1A225M050BC
C1005X5R0J225M050BC
C1005X5R0G225M050BB
1608
0.80 ± 0.10
± 10%
C1608X5R1A225K080AC
C1608X5R0J225K080AB
± 20%
C1608X5R1A225M080AC
C1608X5R0J225M080AB
2012
0.85 ± 0.15
± 10%
C2012X5R1A225K085AA
C2012X5R0J225K085AA
± 20%
C2012X5R1A225M085AA
C2012X5R0J225M085AA
3.3 F
1005
0.50 ± 0.10
± 10%
C1005X5R1A335K050BC
C1005X5R0J335K050BC
C1005X5R0G335K050BB
± 20%
C1005X5R1A335M050BC
C1005X5R0J335M050BC
C1005X5R0G335M050BB
1608
0.80 ± 0.10
± 10%
C1608X5R1A335K080AC
C1608X5R0J335K080AB
± 20%
C1608X5R1A335M080AC
C1608X5R0J335M080AB
2012
1.25 ± 0.20
± 10%
C2012X5R1A335K125AA
± 20%
C2012X5R1A335M125AA
4.7 F
1005
0.50 +0.15/-0.10
± 10%
C1005X5R1A475K050BC
C1005X5R0J475K050BC
C1005X5R0G475K050BB
± 20%
C1005X5R1A475M050BC
C1005X5R0J475M050BC
C1005X5R0G475M050BB
1608
0.80 ± 0.10
± 10%
C1608X5R1A475K080AC
C1608X5R0J475K080AB
± 20%
C1608X5R1A475M080AC
C1608X5R0J475M080AB
Page 44
MULTILAYER CERAMIC CHIP CAPACITORS
003-02 / 20130710 / mlcc_commercial_general_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com