Electronic Components Datasheet Search
  English  ▼

X  

CS3101A18-3SW Datasheet(PDF) 15 Page - Amphenol Corporation

Part # CS3101A18-3SW
Description  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3101A18-3SW Datasheet(HTML) 15 Page - Amphenol Corporation

Back Button CS3101A18-3SW Datasheet HTML 11Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 12Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 13Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 14Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 15Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 16Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 17Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 18Page - Amphenol Corporation CS3101A18-3SW Datasheet HTML 19Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 73 page
background image
14
A
Thread
B
JXX
Z
L
Q
Shell
Size
A
Thread
Class 2A
B
±.005
J
Max.
L
Max.
Q
Max.
Z*
±.045
XX
Min.
Cable
Clearance
10SL
.6250-24UNEF
.531
.896
2.129
.946
.607
.281
12S
.7500-20UNEF
.531
.896
2.129
.995
.607
.281
12
.7500-20UNEF
.719
.896
2.129
.995
.857
.281
14S
.8750-20UNEF
.531
1.021
2.201
1.123
.607
.406
14
.8750-20UNEF
.719
1.021
2.524
1.123
.857
.406
16S
1.0000-20UNEF
.531
1.151
2.201
1.250
.607
.500
16
1.0000-20UNEF
.719
1.151
2.524
1.250
.857
.500
18
1.1250-18UNEF
.719
1.242
2.596
1.333
.857
.531
20
1.2500-18UNEF
.719
1.499
2.654
1.461
.857
.656
22
1.3750-18UNEF
.719
1.499
2.654
1.588
.857
.740
24
1.5000-18UNEF
.719
1.781
2.885
1.715
.857
.781
28
1.7500-18UNS
.719
1.781
2.885
1.968
.857
.922
32
2.0000-18UNS
.719
2.087
2.943
2.209
.857
1.156
36
2.2500-16UN
.719
2.281
2.943
2.463
.857
1.250
40
2.5000-16UN
.719
2.581
3.068
2.718
.857
1.562
MS/Standard
MS3106E/F
straight plug
To complete order number, see “how to order” pg. 70.
For solder well data, see page 67.
All lockwire holes are .045 dia. min.
* Increase Z dimension by .312 for size “0” contact only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com