Electronic Components Datasheet Search
  English  ▼

X  

CS3102A18-3SW Datasheet(PDF) 73 Page - Amphenol Corporation

Part # CS3102A18-3SW
Description  Amphenol MIL-DTL-5015 and MIL-5015
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3102A18-3SW Datasheet(HTML) 73 Page - Amphenol Corporation

Back Button CS3102A18-3SW Datasheet HTML 65Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 66Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 67Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 68Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 69Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 70Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 71Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 72Page - Amphenol Corporation CS3102A18-3SW Datasheet HTML 73Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 73 / 73 page
background image
72
Amphe-PowerTM 5015 Connectors
Amphenol offers the AC threaded series derived from the MIL-5015
family that can be enhanced with high amperage RADSOK® contacts.
Design characteristics of the Amphe-Power 5015 connectors are:
•
The RADSOK contact handles up to 150% higher amperages than
standard contacts
•
The RADSOK contact has a twisted hyperbolic, stamped grid config-
uration within the socket. This design ensures a large, coaxial, face-
to-face surface area engagement. As male pin is inserted, axial
members in the female half deflect, imparting high current flow
across the connection with minimal voltage loss.
•
Contact arrangements have RADSOK sockets in sizes 0, 4 and 8
with standard contacts in sizes 16 and 12.
The contacts available in RADSOK and the amperages are as fol-
lows:
•
Size 8 AWG can handle currents up to 69 amps.
•
Size 4 AWG can handle currents up to 120 amps.
•
Size 0 AWG can handle currents up to 250 amps.
(For availability of size 12 RADSOK that handles currents
up to 35 amps, consult Amphenol.)
•
AC threaded 5015 styles include: solid shell for general,
non-environmental applications; pressurized style for use
on pressurized bulkheads or pressure barriers; environ-
mental resisting style with strain relief; lighter weight and
shorter environmental resisting style
For more information ask for Amphenol brochure SL-391,
Amphe-Power Connectors with RADSOK technology.
MIL-5015 Connectors with PCB Contacts
Box mount receptacle MIL-5015 type connectors can be
supplied with PCB tails for mounting to a printed circuit
board.
See catalog 12-170, Amphenol Cylindrical Connectors for
Printed Circuit Board Applications. This catalog gives the
most commonly available and widely used insert patterns for
cylindrical connectors with PCB tails, along with pin-out loca-
tion diagrams.
Additional MS/Standard Connectors
offered by Amphenol, cont.
Amphe-Power® 5015 Connectors
(AC Threaded 5015 type connectors with RADSOK® high
amperage contacts)
The RADSOK design - socket
cylinder within female contact
has twisted hyperbolic grid.
Provides higher amperage capa-
bilities with low insertion force
and low temperature rise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com