Electronic Components Datasheet Search
  English  ▼

X  

SC000045 Datasheet(PDF) 3 Page - Amphenol Corporation

Part # SC000045
Description  MotionGrade M23 and M40 Connectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

SC000045 Datasheet(HTML) 3 Page - Amphenol Corporation

  SC000045 Datasheet HTML 1Page - Amphenol Corporation SC000045 Datasheet HTML 2Page - Amphenol Corporation SC000045 Datasheet HTML 3Page - Amphenol Corporation SC000045 Datasheet HTML 4Page - Amphenol Corporation SC000045 Datasheet HTML 5Page - Amphenol Corporation SC000045 Datasheet HTML 6Page - Amphenol Corporation SC000045 Datasheet HTML 7Page - Amphenol Corporation SC000045 Datasheet HTML 8Page - Amphenol Corporation SC000045 Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2
www.sineco.com
M23 and M40
Connectors & Cables
RoHS
FlexGrip
Backshell System
DVE
C
US
®
[+] Longer contact life
[+] Lower contact resistence
[+] Immunity to shock and vibration
[+] Low insertion and extraction forces
[+] Contact area extends 360° around pins
Cable In
Potting Access Point
Allows access to the potting cavity which ensures
additional mechanical strength, electrical
insulation, and vibration/shock resistance.
Two-Piece Clamping System/Compression Ribs
Ensures secure gripping of cable jacket material to connector housing.
Simplified shielding process.
Features and Benefits
FEATURES
BENEFITS
LOWEST INSTALLED COST
By providing enhanced performance and advancements to existing standard systems with
improvements such as our FlexGrip™ design, these cost conscious innovations will increase the
reliability & performance of one of the most dependable interconnect offerings available today.
SUPERIOR SHIELDING
First quality components coupled with a simplistic design provide maximum EMI/RFI shielding
capabilities while reducing assembly preparation times.
ASSEMBLY/DISASSEMBLY
Overall design construction allows for one step process of contact extraction versus complete
connector disassembly found within other brands. An integrated contact locking system ensures
ease of use and definitive contact integrity upon insertion.
CABLE STRAIN RELIEF
Your choice of either the innovative design features of FlexGrip™ or traditional cable strain
relieving similar to existing standard systems.
FLUID RESISTANCE and SEALING
In combination with our strain relief systems, Amphenol utilizes advanced sealing technologies &
materials to ensure highest reliability when subjected to the harshest environments.
CONTACTS
By creating a 360 degree mating surface around the pin, Amphenol’s RockSolid™ contact
offering ensures longer contact life, lower contact resistance, immunizes against shock and
vibration all while maintaining low insertion and extraction forces. Additionally, industry standard
contacts are also available made with gold plated surfaces and high quality CuZn alloys.
RoHS COMPLIANT
All materials meet the requirements of the European Directive 2002/95/EC, Issue 13.2.2003.
ADD’L APPROVALS
FlexGrip™ Backshells come in various sizes, ranging from 8.5mm - 18.5mm.
FlexGrip™ Backshells must be potted to achieve IP67 ratings.
Note: Industry standard strain relief/cord grip options, achieving IP67
ratings, are also available.
Note: Industry standard contacts are also available.
ISO 9001/2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com