Electronic Components Datasheet Search
  English  ▼

X  

HS-2621 Datasheet(PDF) 1 Page - BOSER Technology Co., Ltd

Part # HS-2621
Description  Intel짰 Atom N270 processor 1 x SO-DIMM up to 2GB DDR2 SDRAM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-2621 Datasheet(HTML) 1 Page - BOSER Technology Co., Ltd

  HS-2621 Datasheet HTML 1Page - BOSER Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All specifications and photos are subject to change without notice. #201107
www.boser.com.tw
» Intel® Atom™ N270 processor
» 1 x SO-DIMM up to 2GB DDR2 SDRAM
» Intel® 945GSE/ICH7-M system chipset
» 18-bit dual-channel LVDS
» Gigabit Ethernet
» ALC202A Codec
» Hardware Monitor function
» Single +12V DC IN
» Option for DVI-D display
CPU
Intel® Atom™ N270 processor 1.6GHz
FSB
533MHz FSB
BIOS
Award PnP Flash BIOS
System Chipset
Intel® 945GSE/ICH7-M
I/O Chipset
Winbond W83627EHG
System Memory
1 x 200-pin SO-DIMM, DDR2 533MHz, Max. 2GB
Storage
1 x Type II CF socket
Expansion Interface
1 x PCI-104 slot
GPIO
8-bit general purpose input/output port
Watchdog Timer
Software programmable time-out intervals from
1~255 sec. or 1~255 min.
H/W Status Monitor
Monitoring temperatures, voltages, and cooling fan
status
Power Function
Single +12V DC IN (1.6A min.)
AT/ATX power mode support
+5V/+12V output for SATA device
Operating Temperature
0~60ºC
Operating Humidity
0~95%, non-condensing
Board Size (LxW)
145 x 102 mm
Intel® Atom™ N270 processor Embedded Engine Board w/CF, PCI-104, DVI-D/CRT/LVDS,
Gigabit Ethernet, Audio, 4 COM, 4 USB
Chipset
Intel® 945GSE integrated Intel® GMA950
Display Memory
DVMT3.0 up to 224MB video memory
LVDS
18-bit single/dual-channel
DVI
Chrontel CH7307 (option)
Resolution
VGA Mode: 2048 x 1536
External Interface
1 x 10-pin VGA port
Chipset
RealTek ALC202A
Audio Interface
MIC In, Line Out
Chipset
RealTek RTL8111C Gigabit Ethernet
Ethernet Interface
1 x RJ-45
HS-2621
3.5” SBC w/Atom™ 1.6GHz CPU, CF, PCI-104, CRT,
Gigabit Ethernet, Audio
HS-2621/DVI-D
3.5” SBC w/Atom™ 1.6GHz CPU, CF, PCI-104,
DVI-D, Gigabit Ethernet, Audio
Accessory Options
IDE Cable, SATA Cable, USB Cable
I/O Port
3 x RS-232
1 x RS-232/422/485
4 x USB2.0 (2 x external)
1 x IDE
2 x SATA
1 x PS/2 for KB/MS
HS-2621
System
I/O Interface
Ordering Information
Ethernet
Audio
Display
Features


Similar Part No. - HS-2621

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-2620RH INTERSIL-HS-2620RH Datasheet
78Kb / 5P
Radiation Hardened, Very Wideband, High Input Impedance Uncompensated Operational Amplifiers
August 1999
HS-2622RH INTERSIL-HS-2622RH Datasheet
78Kb / 5P
Radiation Hardened, Very Wideband, High Input Impedance Uncompensated Operational Amplifiers
August 1999
logo
BOSER Technology Co., L...
HS-2625 BOSER-HS-2625 Datasheet
106Kb / 1P
Intel짰 Atom D525/D510 processor 1 x SO-DIMM up to 2GB DDR2 SDRAM
HS-2627 BOSER-HS-2627 Datasheet
110Kb / 1P
Intel짰 Atom N270 processor 1 x SO-DIMM up to 2GB DDR2 SDRAM
More results

Similar Description - HS-2621

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE21UE8AESA ELPIDA-EBE21UE8AESA Datasheet
267Kb / 29P
2GB DDR2 SDRAM SO-DIMM
EBE21UE8AFSA ELPIDA-EBE21UE8AFSA Datasheet
259Kb / 29P
2GB DDR2 SDRAM SO-DIMM
EBE21UE8ACUA ELPIDA-EBE21UE8ACUA Datasheet
262Kb / 27P
2GB DDR2 SDRAM SO-DIMM
EBE21UE8ABDA ELPIDA-EBE21UE8ABDA Datasheet
226Kb / 23P
2GB DDR2 SDRAM SO-DIMM
EBE21UE8ACSA ELPIDA-EBE21UE8ACSA Datasheet
262Kb / 27P
2GB DDR2 SDRAM SO-DIMM
EBE21UE8AADA ELPIDA-EBE21UE8AADA Datasheet
215Kb / 21P
2GB DDR2 SDRAM SO-DIMM
logo
BOSER Technology Co., L...
HS-2625 BOSER-HS-2625 Datasheet
106Kb / 1P
Intel짰 Atom D525/D510 processor 1 x SO-DIMM up to 2GB DDR2 SDRAM
HS-2627 BOSER-HS-2627 Datasheet
110Kb / 1P
Intel짰 Atom N270 processor 1 x SO-DIMM up to 2GB DDR2 SDRAM
logo
List of Unclassifed Man...
SEN02G64C4BF2SA-25[EW]R ETC2-SEN02G64C4BF2SA-25[EW]R Datasheet
400Kb / 14P
2GB DDR2 ??SDRAM SO-DIMM
SEN02G64C4BH2MT-25[EW]R ETC2-SEN02G64C4BH2MT-25[EW]R Datasheet
437Kb / 14P
2GB DDR2 . SDRAM SO-DIMM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com