Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 24 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 24 Page - TDK Electronics

Back Button C2012 Datasheet HTML 20Page - TDK Electronics C2012 Datasheet HTML 21Page - TDK Electronics C2012 Datasheet HTML 22Page - TDK Electronics C2012 Datasheet HTML 23Page - TDK Electronics C2012 Datasheet HTML 24Page - TDK Electronics C2012 Datasheet HTML 25Page - TDK Electronics C2012 Datasheet HTML 26Page - TDK Electronics C2012 Datasheet HTML 27Page - TDK Electronics C2012 Datasheet HTML 28Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Class 1 (Temperature Compensating)
Temperature Characteristics: C0G (-55 to +125ºC, 0 ± 30 ppm/ºC)
Page 23
MULTILAYER CERAMIC CHIP CAPACITORS
004-01 / 20130827 / mlcc_commercial_general_en
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDK Part Number
Rated Voltage Edc: 50V
Rated Voltage Edc: 25V
Rated Voltage Edc: 16V
8 pF
0402
0.20 ± 0.02
± 0.50pF
C0402C0G1C080D020BC
0603
0.30 ± 0.03
± 0.50pF
C0603C0G1H080D030BA
C0603C0G1E080D030BA
1005
0.50 ± 0.05
± 0.25pF
C1005C0G1H080C050BA
± 0.50pF
C1005C0G1H080D050BA
1608
0.80 ± 0.10
± 0.25pF
C1608C0G1H080C080AA
± 0.50pF
C1608C0G1H080D080AA
9 pF
0402
0.20 ± 0.02
± 0.50pF
C0402C0G1C090D020BC
0603
0.30 ± 0.03
± 0.50pF
C0603C0G1H090D030BA
C0603C0G1E090D030BA
1005
0.50 ± 0.05
± 0.25pF
C1005C0G1H090C050BA
± 0.50pF
C1005C0G1H090D050BA
1608
0.80 ± 0.10
± 0.25pF
C1608C0G1H090C080AA
± 0.50pF
C1608C0G1H090D080AA
10 pF
0402
0.20 ± 0.02
± 0.50pF
C0402C0G1C100D020BC
0603
0.30 ± 0.03
± 0.50pF
C0603C0G1H100D030BA
C0603C0G1E100D030BA
1005
0.50 ± 0.05
± 0.25pF
C1005C0G1H100C050BA
± 0.50pF
C1005C0G1H100D050BA
1608
0.80 ± 0.10
± 0.25pF
C1608C0G1H100C080AA
± 0.50pF
C1608C0G1H100D080AA
12 pF
0402
0.20 ± 0.02
± 10%
C0402C0G1C120K020BC
± 5%
C0402C0G1C120J020BC
0603
0.30 ± 0.03
± 10%
C0603C0G1H120K030BA
C0603C0G1E120K030BA
± 5%
C0603C0G1H120J030BA
C0603C0G1E120J030BA
1005
0.50 ± 0.05
± 5%
C1005C0G1H120J050BA
1608
0.80 ± 0.10
± 5%
C1608C0G1H120J080AA
15 pF
0402
0.20 ± 0.02
± 10%
C0402C0G1C150K020BC
± 5%
C0402C0G1C150J020BC
0603
0.30 ± 0.03
± 10%
C0603C0G1H150K030BA
C0603C0G1E150K030BA
± 5%
C0603C0G1H150J030BA
C0603C0G1E150J030BA
1005
0.50 ± 0.05
± 1%
C1005C0G1H150F050BA
± 2%
C1005C0G1H150G050BA
± 5%
C1005C0G1H150J050BA
1608
0.80 ± 0.10
± 1%
C1608C0G1H150F080AA
± 2%
C1608C0G1H150G080AA
± 5%
C1608C0G1H150J080AA
18 pF
0402
0.20 ± 0.02
± 10%
C0402C0G1C180K020BC
± 5%
C0402C0G1C180J020BC
0603
0.30 ± 0.03
± 10%
C0603C0G1H180K030BA
C0603C0G1E180K030BA
± 5%
C0603C0G1H180J030BA
C0603C0G1E180J030BA
1005
0.50 ± 0.05
± 5%
C1005C0G1H180J050BA
1608
0.80 ± 0.10
± 5%
C1608C0G1H180J080AA
22 pF
0402
0.20 ± 0.02
± 10%
C0402C0G1C220K020BC
± 5%
C0402C0G1C220J020BC
0603
0.30 ± 0.03
± 10%
C0603C0G1H220K030BA
C0603C0G1E220K030BA
± 5%
C0603C0G1H220J030BA
C0603C0G1E220J030BA
1005
0.50 ± 0.05
± 1%
C1005C0G1H220F050BA
± 2%
C1005C0G1H220G050BA
± 5%
C1005C0G1H220J050BA
1608
0.80 ± 0.10
± 1%
C1608C0G1H220F080AA
± 2%
C1608C0G1H220G080AA
± 5%
C1608C0G1H220J080AA
27 pF
0402
0.20 ± 0.02
± 10%
C0402C0G1C270K020BC
± 5%
C0402C0G1C270J020BC
0603
0.30 ± 0.03
± 10%
C0603C0G1H270K030BA
C0603C0G1E270K030BA
± 5%
C0603C0G1H270J030BA
C0603C0G1E270J030BA
1005
0.50 ± 0.05
± 5%
C1005C0G1H270J050BA
1608
0.80 ± 0.10
± 5%
C1608C0G1H270J080AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com