Electronic Components Datasheet Search
  English  ▼

X  

DFR1A Datasheet(PDF) 1 Page - Formosa MS

Part # DFR1A
Description  SUFACE MOUNT FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

DFR1A Datasheet(HTML) 1 Page - Formosa MS

  DFR1A Datasheet HTML 1Page - Formosa MS DFR1A Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SUFACE MOUNT FAST RECOVERY RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0Ampere
Case: JEDEC SOD-123FL molded plastic body over passivated chip
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.006 ounce, 0.02 grams
Glass passivated device
Ideal for surface mouted applications
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Metallurgically bonded construction
High temperature soldering guaranteed:
250 C/10 seconds,0.375”(9.5mm) lead length,
5 lbs. (2.3kg) tension
Low reverse leakage
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
DFR1A THRU DFR1M
Note:
3.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
1.Averaged over any 20ms period.
2.Measured with IF=0.5A, IR=1A, Irr=0.25A.
4.Thermal resistance junction to ambient, 6.0 mm2 coppeer pads to each terminal.
UNITS
VOLTS
VOLTS
VOLTS
Amp
Amps
Volts
A
µ
pF
C
K/W
ns
SYMBOLS
100
70
100
400
280
400
200
140
200
600
420
600
1000
700
1000
VRRM
VRMS
VDC
I(AV)
IFSM
VF
1.0
20.0
1.3
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TA=65 C (NOTE 1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=125 C
IR
5.0
50.0
F2
F3
F4
F5
F7
TL=25 C
800
560
800
F6
Maximum reverse recovery time (NOTE 2)
Typical junction capacitance (NOTE 3)
CJ
Operating junction and storage temperature range
R
θJA
TJ,TSTG
180
4
-55 to +150
Typical thermal resistance (NOTE 4)
150
250
500
50
35
50
F1
DFR1A
DFR1B
trr
DFR1D
DFR1G
DFR1J
DFR1K
DFR1M
SOD-123FL
2.8±0.1
Cathode Band
Top View
3.7±0.2
0.6±0.25
Dimensions in millimeters
Formosa MS
Page 1
Document ID
Issued Date
Revised Date
Revision
Page.
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
DS-222645
2008/02/10
2010/03/10
B
2
MARK


Similar Part No. - DFR1A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DFR1A LUGUANG-DFR1A Datasheet
672Kb / 2P
Surface Mount Fast Recovery Rectifiers
logo
Guangdong Juxing Electr...
DFR1A JUXING-DFR1A Datasheet
1Mb / 3P
Surface Mount Fast Recovery Rectifiers
logo
Microdiode Semiconducto...
DFR1A CHENDA-DFR1A Datasheet
568Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER
logo
Nanjing International G...
DFR1A DGNJDZ-DFR1A Datasheet
46Kb / 2P
Surface Mount Fast Recovery Rectifiers
logo
SUNMATE electronic Co.,...
DFR1A SUNMATE-DFR1A Datasheet
433Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
More results

Similar Description - DFR1A

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
DFR03A CHENDA-DFR03A Datasheet
148Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER
DFR05A CHENDA-DFR05A Datasheet
161Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER
FFM101 CHENDA-FFM101 Datasheet
553Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER
DFR0.3A CHENDA-DFR0.3A Datasheet
608Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER
DFR0.5A CHENDA-DFR0.5A Datasheet
621Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER
DFR1A CHENDA-DFR1A Datasheet
568Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER
logo
Sangdest Microelectroni...
FF107M SMC-FF107M Datasheet
173Kb / 5P
SUFACE MOUNT FAST RECOVERY RECTIFIER
logo
SUNMATE electronic Co.,...
SM101 SUNMATE-SM101 Datasheet
325Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER DIODES
logo
Shenzhen Yixinwei Techn...
DFR1A YIXIN-DFR1A Datasheet
139Kb / 2P
SUFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Foster Semicon...
FFM101MG FOSTER-FFM101MG Datasheet
1Mb / 3P
Suface Mount Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com