Electronic Components Datasheet Search
  English  ▼

X  

DSF1A Datasheet(PDF) 1 Page - Formosa MS

Part # DSF1A
Description  Surface Mount Standard Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

DSF1A Datasheet(HTML) 1 Page - Formosa MS

  DSF1A Datasheet HTML 1Page - Formosa MS DSF1A Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DSF1A Thru DSF1J
Surface Mount Standard Rectifiers
Features
●
Low profile space
●
Ideal for automated placement
●
Glass passivated chip junctions
●
Low forward voltage drop
●
Low leakage current
●
High forward surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
●
Case: JEDEC SOD-123FL molded plastic
body over glass passivated chip
●
Terminals: Solder plated, solderable per
J-STD-002B and JESD22-B102D
●
Polarity: Laser band denotes cathode end
●
Weight: 0.017gram
Maximum Ratings & Thermal Characteristics & Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Symbol DSF1A DSF1B DSF1C DSF1D DSF1F DSF1G DSF1J UNIT
VRRM
50
100
150
200
300
400
600
V
VRMS
35
70
105
140
210
280
420
V
VDC
50
100
150
200
300
400
600
V
IF(AV)
A
IFSM
A
VF
1.70
V
IR
μ
A
trr
nS
RθJA
℃
/W
TJ, TSTG
℃
Note1: Mounted on FR-4 P.C.B. With 0.9x1.5 mm copper pad areas (≈35 μm thick)
1.25
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
1
Peak forward surge current 8.3 mS single half sine-
wave superimposed on rated load
25
Operating junction and storage temperature range
–55 to +150
0.95
35
Maximum reverse recovery time
at IF = 0.5 A , IR = 1.0 A , Irr = 0.25 A
Typical thermal resistance
150
Maximum instantaneous forward voltage at 1.0A
Maximum DC reverse current
TA = 25 ℃
at Rated DC blocking voltage
TA = 100℃
5.0
150
Formosa MS
Reverse Voltage - 50 to 600 Volts
Forward Current - 1.0Ampere
Page 1
Document ID
Issued Date
Revised Date
Revision
Page.
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
DS-222645
2008/02/10
2010/03/10
B
2


Similar Part No. - DSF1A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DSF1A LUGUANG-DSF1A Datasheet
507Kb / 2P
Surface Mount Standard Rectifiers
logo
Guangdong Juxing Electr...
DSF1A JUXING-DSF1A Datasheet
587Kb / 2P
Surface Mount Standard Rectifiers
logo
Microdiode Semiconducto...
DSF1A CHENDA-DSF1A Datasheet
586Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
SUNMATE electronic Co.,...
DSF1A SUNMATE-DSF1A Datasheet
432Kb / 2P
SUFACE MOUNT SUPER FAST RECTIFIER DIODE
logo
Guangdong Juxing Electr...
DSF1A JUXING-DSF1A Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
More results

Similar Description - DSF1A

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
MASR1A JUXING-MASR1A Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
logo
Microdiode Semiconducto...
DSR0.5A CHENDA-DSR0.5A Datasheet
881Kb / 2P
Surface Mount Standard Rectifiers
logo
DONGGUAN YOU FENG WEI E...
S2A-SMB YFWDIODE-S2A-SMB Datasheet
103Kb / 2P
Surface Mount Standard Rectifiers
logo
Guangdong Juxing Electr...
G501 JUXING-G501 Datasheet
2Mb / 3P
Surface Mount Standard Rectifiers
G601 JUXING-G601 Datasheet
3Mb / 3P
Surface Mount Standard Rectifiers
S3AP JUXING-S3AP Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
S5A JUXING-S5A_10 Datasheet
2Mb / 3P
Surface Mount Standard Rectifiers
S5AP JUXING-S5AP Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
DSR1A JUXING-DSR1A_19 Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
logo
Shanghai Leiditech Elec...
S5A LEIDITECH-S5A Datasheet
397Kb / 3P
Surface Mount Standard rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com