Electronic Components Datasheet Search
  English  ▼

X  

SS34L Datasheet(PDF) 1 Page - Formosa MS

Part # SS34L
Description  3.0AMPS Surface Mount Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SS34L Datasheet(HTML) 1 Page - Formosa MS

  SS34L Datasheet HTML 1Page - Formosa MS SS34L Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For surface mounted application
Metal to sillicon rectifier, majority carrier conduction
Low forward voltage drop
Easy pick and place
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
TJ
O
C
TSTG
O
High surge current capability
SMAF
Mechanical Data
Case: Molded plastic
SS34L
High temperature soldering:
260℃/10 seconds at terminals
3.0AMPS Surface Mount Schottky Barrier Rectifier
Features
Polarity: Indicated by cathode band
Weight: 0.064 grams
Parameter
SS34L
Maximum Repetitive Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum RMS Voltage
100
Maximum Average Forward Rectified Current
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
IFSM
100
RθjL
RθjA
17
55
O
C/W
A
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=100 ℃
IR
1.0
mA
V
Operating Temperature Range
Storage Temperature Range
Marking Code
SS34L
Typical Thermal Resistance
Note 1: Pluse Test with PW=300 usec, 1% Duty Cycle
Maximum Instantaneous Forward Voltage (Note 1)
@ 3.0 A
VF
0.41
C
G
G
H
Max
Unit(inch)
1.60
4.20
2.70
1.05
0.17
1.60
1.20
5.33
1.30
3.80
2.30
0.95
0.12
1.20
0.60
4.95
Min
Unit(mm)
0.195
0.024
0.047
0.004
0.037
0.090
0.149
0.051
Min
0.063
0.165
0.106
0.041
0.006
0.063
0.047
0.211
Max
A
B
C
D
E
F
G
H
DIM.
Formosa MS
Page 1
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-12161Q
2008/02/10
2010/03/10
E
2
C
Unit
3.0
40
28
40
-55 to + 125
-55 to + 150


Similar Part No. - SS34L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SS34L TSC-SS34L Datasheet
201Kb / 3P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Luguang Electr...
SS34L LUGUANG-SS34L Datasheet
281Kb / 2P
Low forward voltage drop
logo
Taiwan Semiconductor Co...
SS34L TSC-SS34L Datasheet
205Kb / 4P
Surface Mount Schottky Barrier Rectifier
logo
Nanjing International G...
SS34L DGNJDZ-SS34L Datasheet
248Kb / 2P
3.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
SS34L DGNJDZ-SS34L Datasheet
277Kb / 2P
3.0 AMP LOW VF SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS34L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK32A TSC-SK32A_11 Datasheet
131Kb / 2P
3.0AMPS Surface Mount Schottky Barrier Rectifiers
SK32B TSC-SK32B_11 Datasheet
135Kb / 2P
3.0AMPS Surface Mount Schottky Barrier Rectifiers
SS32 TSC-SS32_11 Datasheet
134Kb / 2P
3.0AMPS Surface Mount Schottky Barrier Rectifiers
SSL32 TSC-SSL32_11 Datasheet
204Kb / 2P
3.0AMPS Surface Mount Schottky Barrier Rectifiers
SK32A TSC-SK32A_13 Datasheet
266Kb / 4P
3.0AMPS Surface Mount Schottky Barrier Rectifiers
SSL32 TSC-SSL32_13 Datasheet
241Kb / 4P
3.0AMPS Surface Mount Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
S32BF CHONGQING-S32BF Datasheet
181Kb / 2P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
1N5820 CHONGQING-1N5820 Datasheet
177Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
MB340 CHONGQING-MB340 Datasheet
176Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SR320 CHONGQING-SR320 Datasheet
179Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com