Electronic Components Datasheet Search
  English  ▼

X  

TAJS105K010RNJ Datasheet(PDF) 4 Page - AVX Corporation

Part # TAJS105K010RNJ
Description  TAJ Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJS105K010RNJ Datasheet(HTML) 4 Page - AVX Corporation

  TAJS105K010RNJ Datasheet HTML 1Page - AVX Corporation TAJS105K010RNJ Datasheet HTML 2Page - AVX Corporation TAJS105K010RNJ Datasheet HTML 3Page - AVX Corporation TAJS105K010RNJ Datasheet HTML 4Page - AVX Corporation TAJS105K010RNJ Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
26
I JUNE 2013
TAJ Series
Low Profile
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
AVX
Case
Cap
Voltage
(μA)
%
Max. (Ω)
MSL
Part No.
Size
(μF)
(V)
Max.
Max.
@100kHz
TAJS106*010#NJ
S
10
10
1
8
3
1
TAJT106*010#NJ
T
10
10
1
6
3
1
TAJS156*010#NJ
S
15
10
1.5
6
2
1
TAJT156*010#NJ
T
15
10
1.5
8
2.8
1
TAJW156*010#NJ
W
15
10
1.5
6
0.7
1
TAJT226*010#NJ
T
22
10
2.2
8
2.2
1
TAJW226*010#NJ
W
22
10
2.2
6
0.6
1
TAJW336*010#NJ
W
33
10
3.3
6
1.6
1
TAJH476*006#NJ
H
47
10
4.7
8
1.0
1
TAJW476*010#NJ
W
47
10
4.7
6
1.4
1
TAJY476*010#NJ
Y
47
10
4.7
6
0.5
11)
TAJW686*010#NJ
W
68
10
6.8
6
1.2
1
TAJY686*010#NJ
Y
68
10
6.8
6
0.9
11)
TAJW107*010#NJ
W
100
10
10
6
0.4
1
TAJX107*010#NJ
X
100
10
10
8
0.9
11)
TAJY107*010#NJ
Y
100
10
10
6
0.9
11)
TAJF157*010#NJ
F
150
10
15
10
0.3
1
TAJX157M010#NJ
X
150
10
15
6
0.3
11)
TAJY157*010#NJ
Y
150
10
15
6
1.2
11)
TAJY227*010#NJ
Y
220
10
22
10
0.5
11)
16 Volt @ 85ºC (10 Volt @ 125ºC)
TAJR684*016#NJ
R
0.68
16
0.5
4
25
1
TAJS684*016#NJ
S
0.68
16
0.5
4
25
1
TAJR105*016#NJ
R
1
16
0.5
4
20
1
TAJS105*016#NJ
S
1
16
0.5
4
15
1
TAJT105*016#NJ
T
1
16
0.5
4
5
1
TAJR155*016#NJ
R
1.5
16
0.5
6
10
1
TAJS155*016#NJ
S
1.5
16
0.5
6
12
1
TAJR225*016#NJ
R
2.2
16
0.5
6
6.5
1
TAJS225*016#NJ
S
2.2
16
0.5
6
6
1
TAJT225*016#NJ
T
2.2
16
0.5
6
6.5
1
TAJR335*016#NJ
R
3.3
16
0.5
8
5
1
TAJS335*016#NJ
S
3.3
16
0.5
6
5
1
TAJT335*016#NJ
T
3.3
16
0.5
6
5
1
TAJK475*016#NJ
K
4.7
16
0.8
6
3.1
1
TAJP475*016#NJ
P
4.7
16
0.8
8
5
1
TAJS475*016#NJ
S
4.7
16
0.8
8
4
1
TAJT475*016#NJ
T
4.7
16
0.8
6
3.1
1
TAJS685*016#NJ
S
6.8
16
1.1
8
2.4
1
TAJT685*016#NJ
T
6.8
16
1.1
6
3.5
1
TAJT106*016#NJ
T
10
16
1.6
8
2.2
1
TAJW106*016#NJ
W
10
16
1.6
6
2
1
TAJT156M016#NJ
T
15
16
2.4
6
2
1
TAJW156*016#NJ
W
15
16
2.4
6
0.7
1
TAJW226*016#NJ
W
22
16
3.5
6
1.6
1
TAJW336*016#NJ
W
33
16
5.3
6
1.5
1
TAJY336*016#NJ
Y
33
16
5.3
6
0.9
11)
TAJW476*016#NJ
W
47
16
7.5
6
0.4
1
TAJX476*016#NJ
X
47
16
7.5
6
0.75
11)
TAJY476*016#NJ
Y
47
16
7.5
6
0.7
11)
TAJF686*016#NJ
F
68
16
10.9
10
0.4
1
TAJX686*016#NJ
X
68
16
10.9
8
0.6
11)
TAJY686*016#NJ
Y
68
16
10.9
6
0.9
11)
TAJF107M016#NJ
F
100
16
16
10
0.4
1
TAJY107*016#NJ
Y
100
16
16
8
0.9
11)
TAJY157M016#NJ
Y
150
16
24
15
0.3
11)
20 Volt @ 85ºC (13 Volt @ 125ºC)
TAJR104*020#NJ
R
0.1
20
0.5
4
25
1
TAJS104*020#NJ
S
0.1
20
0.5
4
25
1
TAJR154*020#NJ
R
0.15
20
0.5
4
25
1
TAJS154*020#NJ
S
0.15
20
0.5
4
25
1
TAJR224*020#NJ
R
0.22
20
0.5
4
25
1
TAJS224*020#NJ
S
0.22
20
0.5
4
25
1
TAJR334*020#NJ
R
0.33
20
0.5
4
25
1
TAJS334*020#NJ
S
0.33
20
0.5
4
25
1
Rated
DCL
DF
ESR
AVX
Case
Cap
Voltage
(μA)
%
Max. (Ω)
MSL
Part No.
Size
(μF)
(V)
Max.
Max.
@100kHz
TAJR474*020#NJ
R
0.47
20
0.5
4
25
1
TAJS474*020#NJ
S
0.47
20
0.5
4
25
1
TAJR684*020#NJ
R
0.68
20
0.5
4
20
1
TAJS684*020#NJ
S
0.68
20
0.5
4
25
1
TAJT684*020#NJ
T
0.68
20
0.5
4
15
1
TAJR105*020#NJ
R
1
20
0.5
4
20
1
TAJS105*020#NJ
S
1
20
0.5
4
12
1
TAJT105*020#NJ
T
1
20
0.5
4
9
1
TAJP155*020#NJ
P
1.5
20
0.5
6
9.6
1
TAJR155*020#NJ
R
1.5
20
0.5
6
9.6
1
TAJS155*020#NJ
S
1.5
20
0.5
6
5.4
1
TAJT155*020#NJ
T
1.5
20
0.5
6
6.5
1
TAJP225*020#NJ
P
2.2
20
0.5
6
8.3
1
TAJR225*020#NJ
R
2.2
20
0.5
6
6
1
TAJS225*020#NJ
S
2.2
20
0.5
6
4.5
1
TAJT225*020#NJ
T
2.2
20
0.5
6
6
1
TAJT335*020#NJ
T
3.3
20
0.7
6
3
1
TAJT475*020#NJ
T
4.7
20
0.9
6
3.1
1
TAJT685*020#NJ
T
6.8
20
1.4
6
2.6
1
TAJW106*020#NJ
W
10
20
2
6
1.9
1
TAJW156*020#NJ
W
15
20
3
6
1.7
1
TAJW226*020#NJ
W
22
20
4.4
6
1.6
1
TAJY226*020#NJ
Y
22
20
4.4
6
0.9
11)
TAJX336*020#NJ
X
33
20
6.6
6
0.5
11)
TAJY336*020#NJ
Y
33
20
6.6
6
0.6
11)
TAJX476*020#NJ
X
47
20
9.4
6
0.4
11)
TAJY476*020#NJ
Y
47
20
9.4
6
0.9
11)
TAJY686*020#NJ
Y
68
20
13.6
6
0.9
11)
25 Volt @ 85ºC (17 Volt @ 125ºC)
TAJR154*025#NJ
R
0.15
25
0.5
4
24
1
TAJR224*025#NJ
R
0.22
25
0.5
4
21
1
TAJR334*025#NJ
R
0.33
25
0.5
4
17
1
TAJR474*025#NJ
R
0.47
25
0.5
4
15
1
TAJS474*025#NJ
S
0.47
25
0.5
4
9
1
TAJR684*025#NJ
R
0.68
25
0.5
4
13
1
TAJS684*025#NJ
S
0.68
25
0.5
4
8
1
TAJP105*025#NJ
P
1
25
0.5
4
11
1
TAJR105*025#NJ
R
1
25
0.5
4
8
1
TAJS105*025#NJ
S
1
25
0.5
4
8
1
TAJP155*025#NJ
P
1.5
25
0.5
6
9.6
1
TAJS155*025#NJ
S
1.5
25
0.5
6
5.4
1
TAJT155*025#NJ
T
1.5
25
0.5
6
5
1
TAJT225*025#NJ
T
2.2
25
0.6
6
4.5
1
TAJT335*025#NJ
T
3.3
25
0.8
6
3.5
1
TAJW335*025#NJ
W
3.3
25
0.8
6
1.6
1
TAJT475*025#NJ
T
4.7
25
1.2
6
3.1
1
TAJW475*025#NJ
W
4.7
25
1.2
6
1.2
1
TAJW685*025#NJ
W
6.8
25
1.7
6
2
1
TAJW106*025#NJ
W
10
25
2.5
6
1.8
1
TAJY156*025#NJ
Y
15
25
3.8
6
1
11)
TAJY226*025#NJ
Y
22
25
5.5
6
0.8
11)
TAJY336*025#NJ
Y
33
25
8.3
6
0.5
11)
TAJY476*025#NJ
Y
47
25
11.8
6
0.9
11)
35 Volt @ 85ºC (23 Volt @ 125ºC)
TAJR104*035#NJ
R
0.1
35
0.5
4
29
1
TAJS104*035#NJ
S
0.1
35
0.5
4
24
1
TAJR154*035#NJ
R
0.15
35
0.5
4
24
1
TAJS154*035#NJ
S
0.15
35
0.5
4
21
1
TAJR224*035#NJ
R
0.22
35
0.5
4
21
1
TAJS224*035#NJ
S
0.22
35
0.5
4
18
1
TAJR334*035#NJ
R
0.33
35
0.5
4
17
1
TAJS334*035#NJ
S
0.33
35
0.5
4
15
1
TAJR474*035#NJ
R
0.47
35
0.5
4
15
1
TAJS474*035#NJ
S
0.47
35
0.5
4
12
1
TAJT474*035#NJ
T
0.47
35
0.5
4
10
1
11) Dry pack option (see How to order) recommended for reduction of stress during soldering. Dry pack parts should be treated as MSL 3.
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
For typical weight and composition see page 144.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com