Electronic Components Datasheet Search
  English  ▼

X  

2SA673A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SA673A
Description  Silicon PNP Epitaxial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA673A Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SA673A Datasheet HTML 1Page - Renesas Technology Corp 2SA673A Datasheet HTML 2Page - Renesas Technology Corp 2SA673A Datasheet HTML 3Page - Renesas Technology Corp 2SA673A Datasheet HTML 4Page - Renesas Technology Corp 2SA673A Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SA673, 2SA673A
Preliminary
R07DS0429EJ0300 Rev.3.00
Page 4 of 4
Jun 07, 2011
Package Dimensions
0.60 Max
0.55 Max
4.8 ± 0.3
3.8 ± 0.3
0.5 Max
1.27
2.54
Previous Code
PRSS0003DA-A
TO-92(1) / TO-92(1)V
MASS[Typ.]
0.25g
SC-43A
RENESAS Code
JEITA Package Code
Unit: mm
Package Name
TO-92(1)
Ordering Information
Part Name
Quantity
Shipping Container
2SA673BTZ-E
2SA673CTZ-E
2SA673DTZ-E
2SA673ABTZ-E
2SA673ACTZ-E
2SA673ADTZ-E
2500
Hold Box, Radial Taping
Notes: 1. For some grades, production may be terminated. Please contact the Renesas sales office to check the state
of production before ordering the product.
2. Leads is forming applied as following figure.
12.7
6.35
4.0
12.7
2.5 2.5
Unit: mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com