Electronic Components Datasheet Search
  English  ▼

X  

EVM3R Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EVM3R
Description  SMT Trimmer Potentiometers/EVM3Y/3S/3R
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVM3R Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EVM3R Datasheet HTML 1Page - Panasonic Semiconductor EVM3R Datasheet HTML 2Page - Panasonic Semiconductor EVM3R Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMT Trimmer Potentiometers/EVM3Y/3S/3R
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– 84 –
E
V
M
3Y
S
X
0
55
2
B
Product Code
Type/Structure
(3Y, 3S, 3R)
Packaging
Taper & Resistance
Example : B52=500
✽For part number details, Please see page 93.
12345
6
789
10
1112
■ Specifications
■ Minimum Quantity/Packing Unit
Part Number
Taping
Quantity per reel
Packaging quantity
Dia. of reel
(mm)
EVM3Y
EVM3S
EVM3R
2000
10000
φ178
Total Resistance Value
Resistance Tolerance
EVM3Y 3S : 100
to 1 M
/ EVM3R : 500
to 1 M
±25 %
Power Rating
Limiting Element Voltage
0.15 W
50 V
Rotation Torque
EVM3Y, 3S : 2 to 20 mN·m / EVM3R : 1 to 20 mN·m
Temperature Coefficient of Resistance
±250
10
–6/°C
3Y
3S
3R
3 mm Square SMT Trimmer Potentiometers
(Cermet, Open Frame Type)
Type:
EVM3Y
EVM3S
EVM3R
■ Explanation of Part Numbers
■ Features
● Automatic adjustment type (EVM3Y)
● Both sides adjust type (EVM3S)
● Back side adjust type and low-profile 0.9 mm
(1.0 mm max.) EVM3R
● High reliability realized by cermet element
● Excellent mountability
● Conforms to JIS C5260-1:1999
■ Recommended Applications
● Audio/visual, office, and communication equipment
● General electronic equipment
The standard packaging methods for a reel is
φ178.
Please contact us, if you would like different packaging methods. (Bulk, Reel of
φ330, Reel of φ380)
Sep. 2010
00
● RoHS compliant


Similar Part No. - EVM3R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVM3R PANASONIC-EVM3R Datasheet
106Kb / 3P
SMT Trimmer Potentiometers/EVM3G/3E/3Y/3S/3R
More results

Similar Description - EVM3R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVM1 PANASONIC-EVM1 Datasheet
164Kb / 3P
4mm Square SMT Trimmer Potentiometers
logo
KOA Speer Electronics, ...
KVSF637A KOA-KVSF637A Datasheet
93Kb / 2P
trimmer potentiometers
logo
Murata Manufacturing Co...
PVG3A203C01R00 MURATA-PVG3A203C01R00 Datasheet
1Mb / 55P
Trimmer Potentiometers
logo
Panasonic Semiconductor
EVM-2WSX80B14 PANASONIC-EVM-2WSX80B14 Datasheet
88Kb / 3P
SMT Trimmer Potentiometers/EVM2N/2W
EVM-3YSX50B24 PANASONIC-EVM-3YSX50B24 Datasheet
149Kb / 3P
SMT Trimmer Potentiometers/EVM3Y/3S/3R
EVM-3RSX50B54 PANASONIC-EVM-3RSX50B54 Datasheet
106Kb / 3P
SMT Trimmer Potentiometers/EVM3G/3E/3Y/3S/3R
EVM-3YSX50B54 PANASONIC-EVM-3YSX50B54 Datasheet
106Kb / 3P
3 mm Square SMT Trimmer Potentiometers
EVM-2NSX80B14 PANASONIC-EVM-2NSX80B14 Datasheet
88Kb / 3P
SMT Trimmer Potentiometers/EVM2N/2W
EVM-3YSX50B15 PANASONIC-EVM-3YSX50B15 Datasheet
149Kb / 3P
SMT Trimmer Potentiometers/EVM3Y/3S/3R
logo
Murata Manufacturing Co...
PVZ3K103E01R00 MURATA1-PVZ3K103E01R00_V01 Datasheet
249Kb / 3P
Trimmer Potentiometers
09/16/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com