Electronic Components Datasheet Search
  English  ▼

X  

MCP14E3EP Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP14E3EP
Description  4.0A Dual High-Speed Power MOSFET Drivers With Enable
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14E3EP Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP14E3EP Datasheet HTML 5Page - Microchip Technology MCP14E3EP Datasheet HTML 6Page - Microchip Technology MCP14E3EP Datasheet HTML 7Page - Microchip Technology MCP14E3EP Datasheet HTML 8Page - Microchip Technology MCP14E3EP Datasheet HTML 9Page - Microchip Technology MCP14E3EP Datasheet HTML 10Page - Microchip Technology MCP14E3EP Datasheet HTML 11Page - Microchip Technology MCP14E3EP Datasheet HTML 12Page - Microchip Technology MCP14E3EP Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
© 2008 Microchip Technology Inc.
DS22062B-page 9
MCP14E3/MCP14E4/MCP14E5
Typical Performance Curves (Continued)
Note: Unless otherwise indicated, T
A = +25°C with 4.5V ≤ VDD ≤ 18V.
FIGURE 2-13:
Supply Current vs.
Capacitive Load.
FIGURE 2-14:
Supply Current vs.
Capacitive Load.
FIGURE 2-15:
Supply Current vs.
Capacitive Load.
FIGURE 2-16:
Supply Current vs.
Frequency.
FIGURE 2-17:
Supply Current vs.
Frequency.
FIGURE 2-18:
Supply Current vs.
Frequency.
0
20
40
60
80
100
120
100
1000
10000
Capacitive Load (pF)
650 kHz
400 kHz
200 kHz
100 kHz
50 kHz
VDD = 18V
0
10
20
30
40
50
60
70
100
1000
10000
Capacitive Load (pF)
650 kHz
400 kHz
200 kHz
100 kHz
50 kHz
VDD = 12V
0
5
10
15
20
25
30
35
100
1000
10000
Capacitive Load (pF)
650 kHz
400 kHz
200 kHz
100 kHz
50 kHz
VDD = 6V
0
20
40
60
80
100
120
10
100
1000
Frequency (kHz)
10,000 pF
6,800 pF
4,700 pF
2,200 pF
100 pF
VDD = 18V
0
10
20
30
40
50
60
70
10
100
1000
Frequency (kHz)
10,000 pF
6,800 pF
4,700 pF
2,200 pF
100 pF
VDD = 12V
0
5
10
15
20
25
30
35
10
100
1000
Frequency (kHz)
10,000 pF
6,800 pF
4,700 pF
2,200 pF
100 pF
VDD = 6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com