Electronic Components Datasheet Search
  English  ▼

X  

24AA256TE/MS Datasheet(PDF) 31 Page - Microchip Technology

Part # 24AA256TE/MS
Description  256K I2C CMOS Serial EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA256TE/MS Datasheet(HTML) 31 Page - Microchip Technology

Back Button 24AA256TE/MS Datasheet HTML 26Page - Microchip Technology 24AA256TE/MS Datasheet HTML 27Page - Microchip Technology 24AA256TE/MS Datasheet HTML 28Page - Microchip Technology 24AA256TE/MS Datasheet HTML 29Page - Microchip Technology 24AA256TE/MS Datasheet HTML 30Page - Microchip Technology 24AA256TE/MS Datasheet HTML 31Page - Microchip Technology 24AA256TE/MS Datasheet HTML 32Page - Microchip Technology 24AA256TE/MS Datasheet HTML 33Page - Microchip Technology 24AA256TE/MS Datasheet HTML 34Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
 2010 Microchip Technology Inc.
DS21203Q-page 31
24AA256/24LC256/24FC256
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
24AA256:
256 Kbit 1.8V I2C Serial
EEPROM
24AA256T: 256 Kbit 1.8V I2C Serial
EEPROM Tape and Reel)
24LC256:
256 Kbit 2.5V I2C Serial
EEPROM
24LC256T:
256 Kbit 2.5V I2C Serial
EEPROM Tape and Reel)
24FC256:
256 Kbit High Speed I2C Serial
EEPROM
24FC256T: 256 Kbit High Speed I2C Serial
EEPROM Tape and Reel)
Temperature
Range:
I=
-40
C to +85C
E=
-40
C to +125C
Package:
P
= Plastic DIP (300 mil body), 8-lead
SN
= Plastic SOIC (3.90 mm body), 8-lead
SM = Plastic SOIJ (5.28 mm body), 8-lead
ST
= Plastic TSSOP (4.4 mm), 8-lead
MF
= Dual, Flat, No Lead (DFN)(6x5 mm
body), 8-lead
MS = Plastic Micro Small Outline (MSOP),
8-lead
Examples:
a)
24AA256-I/P:
Industrial Temp.,
1.7V, PDIP package.
b)
24AA256T-I/SN: Tape and Reel,
Industrial Temp., 1.7V, SOIC
package.
c)
24AA256-I/ST:
Industrial Temp.,
1.7V, TSSOP package.
d)
24AA256-I/MS:
Industrial Temp.,
1.7V, MSOP package.
e)
24LC256-E/P:
Extended Temp.,
2.5V, PDIP package.
f)
24LC256-I/SN:
Industrial Temp.,
2.5V, SOIC package.
g)
24LC256T-I/SN: Tape and Reel,
Industrial Temp., 2.5V, SOIC
package.
h)
24LC256-I/MS:
Industrial Temp,
2.5V, MSOP package.
i)
24FC256-I/P:
Industrial Temp,
1.7V, High Speed, PDIP package.
j)
24FC256-I/SN:
Industrial Temp,
1.7V, High Speed, SOIC package.
k)
24FC256T-I/SN: Tape and Reel,
Industrial Temp, 1.7V, High Speed,
SOIC package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com