Electronic Components Datasheet Search
  English  ▼

X  

MCP14E4TEP Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP14E4TEP
Description  4.0A Dual High-Speed Power MOSFET Drivers With Enable
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14E4TEP Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP14E4TEP Datasheet HTML 2Page - Microchip Technology MCP14E4TEP Datasheet HTML 3Page - Microchip Technology MCP14E4TEP Datasheet HTML 4Page - Microchip Technology MCP14E4TEP Datasheet HTML 5Page - Microchip Technology MCP14E4TEP Datasheet HTML 6Page - Microchip Technology MCP14E4TEP Datasheet HTML 7Page - Microchip Technology MCP14E4TEP Datasheet HTML 8Page - Microchip Technology MCP14E4TEP Datasheet HTML 9Page - Microchip Technology MCP14E4TEP Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
MCP14E3/MCP14E4/MCP14E5
DS22062B-page 6
© 2008 Microchip Technology Inc.
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, all parameters apply with 4.5V
≤ V
DD ≤ 18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
–40
—
+125
°C
Maximum Junction Temperature
TJ
—
—
+150
°C
Storage Temperature Range
TA
–65
—
+150
°C
Package Thermal Resistances
Thermal Resistance, 8L-6x5 DFN
θ
JA
—
35.7
—
°C/W
Typical four-layer board with
vias to ground plane
Thermal Resistance, 8L-PDIP
θ
JA
—89.3
—
°C/W
Thermal Resistance, 8L-SOIC
θ
JA
—
149.5
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com