Electronic Components Datasheet Search
  English  ▼

X  

MCP14E5EP Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP14E5EP
Description  4.0A Dual High-Speed Power MOSFET Drivers With Enable
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14E5EP Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP14E5EP Datasheet HTML 11Page - Microchip Technology MCP14E5EP Datasheet HTML 12Page - Microchip Technology MCP14E5EP Datasheet HTML 13Page - Microchip Technology MCP14E5EP Datasheet HTML 14Page - Microchip Technology MCP14E5EP Datasheet HTML 15Page - Microchip Technology MCP14E5EP Datasheet HTML 16Page - Microchip Technology MCP14E5EP Datasheet HTML 17Page - Microchip Technology MCP14E5EP Datasheet HTML 18Page - Microchip Technology MCP14E5EP Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
© 2008 Microchip Technology Inc.
DS22062B-page 15
MCP14E3/MCP14E4/MCP14E5
5.0
PACKAGING INFORMATION
5.1
Package Marking Information (Not to Scale)
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
MCP14E3
E/P^^256
0814
8-Lead SOIC (150 mil)
Example:
256
MCP14E3E
8-Lead DFN-S (6x5)
Example
:
XXXXXXX
XXXXXXX
XXYYWW
NNN
MCP14E3
E/MF^^
0814
256
SN^^0814
3
e
3
e
3
e
NNN
XXXXXXXX
XXXXYYWW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com