Electronic Components Datasheet Search
  English  ▼

X  

MCP25020TE/P Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP25020TE/P
Description  CAN I/O Expander Family
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP25020TE/P Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP25020TE/P Datasheet HTML 31Page - Microchip Technology MCP25020TE/P Datasheet HTML 32Page - Microchip Technology MCP25020TE/P Datasheet HTML 33Page - Microchip Technology MCP25020TE/P Datasheet HTML 34Page - Microchip Technology MCP25020TE/P Datasheet HTML 35Page - Microchip Technology MCP25020TE/P Datasheet HTML 36Page - Microchip Technology MCP25020TE/P Datasheet HTML 37Page - Microchip Technology MCP25020TE/P Datasheet HTML 38Page - Microchip Technology MCP25020TE/P Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
© 2007 Microchip Technology Inc.
DS21664D-page 35
MCP2502X/5X
REGISTER 5-7:
OPTREG2 REGISTER
TABLE 5-2:
SUMMARY OF REGISTERS ASSOCIATED WITH GPIO MODULE
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CAEN
ERREN
TXONEN
SLPEN
MTYPE
PDEFEN
PUSLP
PUNRM
bit 7
bit 0
bit 7
CAEN: Command Acknowledge Enable bit
1
= Enables the command acknowledge message (TXID1)
0
= Enables the receive overflow message (TXID1)
bit 6
ERREN: Error Recovery Enable bit
1
= MCP2502X/5X will recover into Listen-only mode from bus off
0
= MCP2502X/5X will recover into Normal mode from bus-off
bit 5
TXONEN: Transmit on Error Condition bit(REC or TEC)
1
= Enable, will send message if error counter(s) go high enough
0
= Disable, will NOT send message regardless of error counter values
bit 4
SLPEN: Low power SLEEP mode enable/disable
1
= Device will enter Sleep if bus is idle for at least 1408 bit times
0
= SLEEP mode is disabled
bit 3
MTYPE: Determines if information request messages use RTR or not
1
= RTR is NOT used for IRM (Data Frame)
0
= RTR is used for IRM (Remote Frame)
bit 2
PDEFEN: Enables PWM outputs to return to POR default values when CAN bus communication
is lost
1
= Enables PWM output default values
0
= Disables PWM output default values
bit 1
PUSLP: Allows device to enter SLEEP while in Listen-only mode during power-up sequence
1
= Enables SLEEP when in Listen-only mode during power-up sequence
0
= Disables SLEEP when in Listen-only mode during power-up sequence
bit 0
PUNRM: Enters Normal mode after completing self-configuration during power-up sequence
1
= Enters “Normal” mode after completing self-configuration during power-up sequence
0
= Enables “Listen-only” mode after completing self-configuration during power-up sequence
and waits for an error-free message before switching to Normal mode
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
Addr
Name
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Value on
POR
Value on
RST
Bank 0
34h
GPDDR
—
DDR6
DDR5
DDR4
DDR3
DDR2
DDR1
DDR0
-111 1111
-111 1111
00h
IOINTEN
GP7TXC
GP6TXC
GP5TXC
GP4TXC
GP3TXC
GP2TXC
GP1TXC
GP0TXC
0000 0000
0000 0000
01h
IOINTPO
GP7POL
GP6POL
GP5POL
GP4POL
GP3POL
GP2POL
GP1POL
GP0POL
0000 0000
0000 0000
04h
OPTREG1
GPPU
CLKEN
CLKPS1
CLKPS0
—
CMREQ
AQT1
AQT0
0000 ----
0000 ----
Legend: x = unknown, U = unchanged, - = unimplemented read as ‘0’. Shaded cells are not used by module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com