Electronic Components Datasheet Search
  English  ▼

X  

EP3SL50 Datasheet(PDF) 29 Page - Altera Corporation

Part # EP3SL50
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SL50 Datasheet(HTML) 29 Page - Altera Corporation

Back Button EP3SL50 Datasheet HTML 25Page - Altera Corporation EP3SL50 Datasheet HTML 26Page - Altera Corporation EP3SL50 Datasheet HTML 27Page - Altera Corporation EP3SL50 Datasheet HTML 28Page - Altera Corporation EP3SL50 Datasheet HTML 29Page - Altera Corporation EP3SL50 Datasheet HTML 30Page - Altera Corporation EP3SL50 Datasheet HTML 31Page - Altera Corporation EP3SL50 Datasheet HTML 32Page - Altera Corporation EP3SL50 Datasheet HTML 33Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 341 page
background image
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
1–19
Switching Characteristics
© July 2010
Altera Corporation
Stratix III Device Handbook, Volume 2
M144K
(3), (4)
True dual-port 16K × 9 or
8K × 18
0
1
350
300
245
245
180
280
245
170
MHz
True dual-port 4K × 36
0
1
520
430
365
365
250
405
365
235
MHz
Simple dual-port 16K × 9 or
8K × 18
0
1
350
300
245
245
180
280
245
170
MHz
Simple dual-port 4K × 36 or
2K × 72
0
1
565
470
395
395
225
440
395
210
MHz
ROM 1Port
0
1
580
470
425
425
260
470
425
260
MHz
ROM 2 Port
0
1
545
450
380
380
260
425
380
245
MHz
Single-port 16K × 9 or 8K × 18
0
1
385
330
270
270
240
310
270
195
MHz
Single-port 4K × 36
0
1
580
470
425
425
210
470
425
195
MHz
True dual-port 16K × 9, 8K × 18, or
4K × 36 with read-during-write
option set to Old Data
0
1
325
270
225
225
165
255
225
155
MHz
Simple dual-port 16K × 9,
8K × 18, 4K × 36, or 2K × 72 with
read-during-write option set to "Old
Data"
0
1
350
292
250
250
200
275
250
190
MHz
Simple dual-port 2K × 64 (with ECC)
0
1
255
210
180
180
130
195
180
120
MHz
Min Pulse Width (Clock High Time)
—
—
800
1000
1100
1100
1800
1000
1100
1800
ps
Min Pulse Width (Clock Low Time)
—
—
500
625
690
690
1100
625
690
1100
ps
M144K
(3), (5)
True dual-port 16K × 9 or
8K × 18
0
1
425
360
300
300
210
340
300
195
MHz
True dual-port 4K × 36
0
1
520
430
365
365
250
405
365
235
MHz
Simple dual-port 16K × 9 or
8K × 18
0
1
425
360
300
300
210
340
300
195
MHz
Simple dual-port 4K × 36 or
2K × 72
0
1
565
470
395
395
225
440
395
210
MHz
ROM 1Port
0
1
580
470
425
425
260
470
425
260
MHz
ROM 2 Port
0
1
545
450
380
380
260
425
380
245
MHz
Single-port 16K × 9 or 8K × 18
0
1
475
405
335
335
210
380
335
195
MHz
Single-port 4K × 36
0
1
580
470
425
425
210
470
425
195
MHz
True dual-port 16K × 9, 8K × 18, or
4K × 36 with read-during-write
option set to Old Data
0
1
325
270
225
225
165
255
225
155
MHz
Simple dual-port 16K × 9,
8K × 18, 4K × 36, or 2K × 72 with
read-during-write option set to Old
Data
0
1
350
292
250
250
200
275
250
190
MHz
Table 1–22. TriMatrix Memory Block Performance Specifications for Stratix III Devices (Note 1) (Part 2 of 3)
Memory
Block
Type
Mode
ALUTs
TriMatrix
Memory
C2 (6)
C3
C4
C4L
I3
I4
I4L
Unit
V
CCL =
1.1 V
V
CCL =
1.1 V
V
CCL =
1.1 V
V
CCL =
1.1 V
V
CCL =
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com