Electronic Components Datasheet Search
  English  ▼

X  

EP3SE80 Datasheet(PDF) 86 Page - Altera Corporation

Part # EP3SE80
Description  Stratix III Device Handbook
PDF  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3SE80 Datasheet(HTML) 86 Page - Altera Corporation

Back Button EP3SE80 Datasheet HTML 82Page - Altera Corporation EP3SE80 Datasheet HTML 83Page - Altera Corporation EP3SE80 Datasheet HTML 84Page - Altera Corporation EP3SE80 Datasheet HTML 85Page - Altera Corporation EP3SE80 Datasheet HTML 86Page - Altera Corporation EP3SE80 Datasheet HTML 87Page - Altera Corporation EP3SE80 Datasheet HTML 88Page - Altera Corporation EP3SE80 Datasheet HTML 89Page - Altera Corporation EP3SE80 Datasheet HTML 90Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 341 page
background image
1–76
Chapter 1: Stratix III Device Datasheet: DC and Switching Characteristics
I/O Timing
Stratix III Device Handbook, Volume 2
© July 2010
Altera Corporation
1.8-V
HSTL
CLASS I
4mA
GCLK
tco
3.026
3.026
4.261
4.619
5.085
4.964
5.172
4.619
5.085
4.964
5.172
ns
GCLK
PLL
t
co
3.353
3.353
4.746
5.149
5.682
5.539
5.868
5.149
5.682
5.539
5.868
ns
6mA
GCLK
tco
3.020
3.020
4.260
4.619
5.084
4.963
5.171
4.619
5.084
4.963
5.171
ns
GCLK
PLL
t
co
3.346
3.346
4.744
5.147
5.681
5.538
5.873
5.147
5.681
5.538
5.873
ns
8mA
GCLK
t
co
3.012
3.012
4.252
4.611
5.077
4.956
5.164
4.611
5.077
4.956
5.164
ns
GCLK
PLL
t
co
3.338
3.338
4.736
5.140
5.674
5.531
5.855
5.140
5.674
5.531
5.855
ns
10mA
GCLK
t
co
3.014
3.014
4.255
4.614
5.081
4.960
5.168
4.614
5.081
4.960
5.168
ns
GCLK
PLL
t
co
3.341
3.341
4.739
5.143
5.678
5.535
5.858
5.143
5.678
5.535
5.858
ns
12mA
GCLK
t
co
3.011
3.011
4.257
4.617
5.085
4.964
5.172
4.617
5.085
4.964
5.172
ns
GCLK
PLL
t
co
3.338
3.338
4.742
5.147
5.682
5.539
5.865
5.147
5.682
5.539
5.865
ns
1.8-V
HSTL
CLASS II
16mA
GCLK
t
co
3.019
3.019
4.256
4.615
5.081
4.960
5.168
4.615
5.081
4.960
5.168
ns
GCLK
PLL
tco
3.346
3.346
4.741
5.144
5.678
5.535
5.869
5.144
5.678
5.535
5.869
ns
1.5-V
HSTL
CLASS I
4mA
GCLK
t
co
3.031
3.031
4.269
4.629
5.096
4.975
5.183
4.629
5.096
4.975
5.183
ns
GCLK
PLL
tco
3.358
3.358
4.754
5.159
5.693
5.550
5.881
5.159
5.693
5.550
5.881
ns
6mA
GCLK
t
co
3.027
3.027
4.272
4.632
5.099
4.978
5.186
4.632
5.099
4.978
5.186
ns
GCLK
PLL
t
co
3.354
3.354
4.755
5.160
5.696
5.553
5.878
5.160
5.696
5.553
5.878
ns
8mA
GCLK
t
co
3.023
3.023
4.267
4.627
5.094
4.973
5.181
4.627
5.094
4.973
5.181
ns
GCLK
PLL
t
co
3.350
3.350
4.751
5.156
5.691
5.548
5.873
5.156
5.691
5.548
5.873
ns
10mA
GCLK
t
co
3.016
3.016
4.260
4.620
5.087
4.966
5.174
4.620
5.087
4.966
5.174
ns
GCLK
PLL
t
co
3.343
3.343
4.744
5.149
5.684
5.541
5.867
5.149
5.684
5.541
5.867
ns
12mA
GCLK
t
co
3.016
3.016
4.266
4.627
5.097
4.976
5.184
4.627
5.097
4.976
5.184
ns
GCLK
PLL
t
co
3.344
3.344
4.751
5.157
5.694
5.551
5.870
5.157
5.694
5.551
5.870
ns
1.5-V
HSTL
CLASS II
16mA
GCLK
t
co
3.014
3.014
4.247
4.605
5.071
4.950
5.158
4.605
5.071
4.950
5.158
ns
GCLK
PLL
t
co
3.342
3.342
4.732
5.135
5.668
5.525
5.855
5.135
5.668
5.525
5.855
ns
Table 1–53. EP3SL70 Column Pins Output Timing Parameters (Part 6 of 7)
I/O
Standard
Clock
Fast Model
C2
C3
C4
C4L
I3
I4
I4L
Units
Industrial
Commercial
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
1.1 V
V
CCL=
0.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com