Electronic Components Datasheet Search
  English  ▼

X  

CB052D0824 Datasheet(PDF) 7 Page - AVX Corporation

Part # CB052D0824
Description  Film Chip Capacitors PET-HT DIELECTRIC ??CB Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CB052D0824 Datasheet(HTML) 7 Page - AVX Corporation

Back Button CB052D0824 Datasheet HTML 2Page - AVX Corporation CB052D0824 Datasheet HTML 3Page - AVX Corporation CB052D0824 Datasheet HTML 4Page - AVX Corporation CB052D0824 Datasheet HTML 5Page - AVX Corporation CB052D0824 Datasheet HTML 6Page - AVX Corporation CB052D0824 Datasheet HTML 7Page - AVX Corporation CB052D0824 Datasheet HTML 8Page - AVX Corporation CB052D0824 Datasheet HTML 9Page - AVX Corporation CB052D0824 Datasheet HTML 10Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
16
Film Chip Capacitors
PET-HT DIELECTRIC – CB Series
ELECTRICAL CHARACTERISTICS VERSUS TEMPERATURE AND FREQUENCY
ELECTRICAL CHARACTERISTICS
10
8
6
4
2
0
-2
-4
-6
-8
C/C vs TEMPERATURE
Temperature
-55˚C
-30˚C
-5˚C
+20˚C +45˚C +70˚C +95˚C +120˚C
10000.0
1000.0
100.0
10.0
1.0
0.1
Temperature
IR vs TEMPERATURE
100nF
-55˚C
-30˚C
-5˚C
+20˚C +45˚C +70˚C +95˚C +120˚C
160
140
120
100
80
60
40
20
0
DC/C = (temperature)
Temperature
DF (1kHz) vs TEMPERATURE
-55˚C
-30˚C
-5˚C
+20˚C +45˚C +70˚C +95˚C +120˚C
Capacitance
Dissipation Factor
Insulation Resistance
FREQUENCY CHARACTERISTICS
4
3
2
1
0
-1
-2
-3
-4
-5
0.1
1
10
100
1000
C/C 20
°C (%)
FREQUENCY (kHz)
1000.00
100.00
10.00
1.00
1.00
10.00
FREQUENCY (MHz)
Z (mOhm)
1µF
470 nF
220 nF
47 nF
100 nF
4.7µF
400
300
200
100
0
10
100
1000
1
0.1
DF 20
°C (10 )
-4
FREQUENCY (kHz)
Capacitance
Dissipation Factor
Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com