Electronic Components Datasheet Search
  English  ▼

X  

T351504 Datasheet(PDF) 1 Page - E-SWITCH

Part # T351504
Description  THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T351504 Datasheet(HTML) 1 Page - E-SWITCH

  T351504 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
TL6120AF300QG
6/3/2013
T351504
A
rc
1
1
3
4
1
2
3
4
1
2
A
21188
New Release
8/01/13
rc
7.40
[.291 in]
7.40
[.291 in]
5.00
[.197 in]
3.00
[.118 in]
4.70
[.185 in]
2.50
[.098 in]
2.50
[.098 in]
NOTES
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=
0.4
X.XX=
0.25
3. TERMINAL NUMBERS FOR REF. ONLY.
4. OPERATING FORCE: 300
50gf
5. OPERATING LIFE: 500,000 CYCLES
6. TRAVEL: 0.5
0.15mm
7. CONTACT RATING: 12VDC @ 50mA
8. CONTACT RESISTANCE: 100m W MAX
9. INSULATION RESISTANCE: 100M W MIN @ 100VDC.
10. CONTACT MATERIAL: SILVER
11. OPERATING TEMPERATURE: -40
C TO 85C
12. PACKAGING: TAPE & REEL, 700 PCS. PER REEL
13.
DENOTES CRITICAL PARAMETER
14. 2002/95/EC (ROHS) COMPLIANT
2
4
3
CIRCUIT: SPST
1
4.00
[.157 in]
5.80
[.228 in]
12.00
[.472 in]
1.00
[.039 in]
3.65
[.144 in]
4.00
[.157 in]
10.00 .50
.394 .020 in
[]


Similar Part No. - T351504

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T351500 E-SWITCH-T351500 Datasheet
111Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T351501 E-SWITCH-T351501 Datasheet
112Kb / 1P
ALL DIMENSIONS IN MM
T351503 E-SWITCH-T351503 Datasheet
111Kb / 1P
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
T351505 E-SWITCH-T351505 Datasheet
110Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T351506 E-SWITCH-T351506 Datasheet
114Kb / 1P
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
More results

Similar Description - T351504

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T351503 E-SWITCH-T351503 Datasheet
111Kb / 1P
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
T351506 E-SWITCH-T351506 Datasheet
114Kb / 1P
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
TL3315NF100Q E-SWITCH-TL3315NF100Q Datasheet
114Kb / 1P
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
14-RB242D1021116 E-SWITCH-14-RB242D1021116 Datasheet
86Kb / 1P
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFEPRED
14-RB242D1021146 E-SWITCH-14-RB242D1021146 Datasheet
91Kb / 1P
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFEPRED
M060304 E-SWITCH-M060304 Datasheet
37Kb / 1P
The Information contained in this document is proprietary to E-SWITCH and is not to be copied or transferred
38-RRGA1C31100 E-SWITCH-38-RRGA1C31100 Datasheet
79Kb / 1P
THE INFORMATION CONTANED IN THIS DOCUMENT IS PROPRIETARY TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
38-RRGA1C32200 E-SWITCH-38-RRGA1C32200 Datasheet
79Kb / 1P
THE INFORMATION CONTANED IN THIS DOCUMENT IS PROPRIETARY TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
38-RRGA14C1200 E-SWITCH-38-RRGA14C1200 Datasheet
78Kb / 1P
THE INFORMATION CONTANED IN THIS DOCUMENT IS PROPRIETARY TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
38-RRGA8132200 E-SWITCH-38-RRGA8132200 Datasheet
78Kb / 1P
THE INFORMATION CONTANED IN THIS DOCUMENT IS PROPRIETARY TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com