Electronic Components Datasheet Search
  English  ▼

X  

ACPL-227 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-227
Description  DC Input Multi-Channel Half-Pitch Phototransistor Optocoupler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-227 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-227 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-227 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-227 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-227 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-227 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-227 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-227 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-227 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Electrical Specifications (DC)
Over recommended ambient temperature at 25
qC unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Note
Forward Voltage
VF
-
1.2
1.4
V
IF = 20mA
Fig.6
Reverse Current
IR
--
10
PA
VR = 5V
Terminal Capacitance
Ct
-
30
-
pF
V = 0, f = 1MHz
Collector Dark Current
ICEO
-
-
100
nA
VCE = 48V, IF = 0 mA
Fig.12
Collector-Emitter
Breakdown Voltage
BVCEO
80
-
-
V
IC = 0.5 mA, IF = 0 mA
Emitter-Collector
Breakdown Voltage
BVECO
7-
-
V
IE = 100
PA, IF = 0 mA
Current Transfer Ratio
(ACPL-227 Only)
CTR
50
-
600
%
IF = 5 mA, VCE = 5V
CTR=(IC/IF )* 100%
Current Transfer Ratio
(ACPL-247 Only)
CTR
100
-
600
%
IF = 5 mA, VCE = 5V
CTR=(IC/IF )* 100%
Saturated CTR
CTR(sat)
-
60
-
%
IF=1mA, VCE = 0.4V
Collector-Emitter
Saturation Voltage
VCE(sat)
-
-
0.4
V
IF = 8mA, IC = 2.4mA
Fig.14
Isolation Resistance
Riso
5x1010
1x1011
-
:
DC500V, R.H. 40~60%
Floating Capacitance
CF
-
0.6
1
pF
V = 0, f = 1MHz
Cut-off Frequency
(-3dB)
FC
-80
-
kHz
VCC = 5V, IC = 2 mA,
RL = 100
:
Fig. 2,19
Response Time (Rise)
tr
-2
-
Ps
VCC = 10V, IC = 2 mA,
RL = 100
:
Fig. 1
Response Time (Fall)
tf
-3
-
Ps
Turn-on Time
ton
-3
-
Ps
Turn-off Time
toff
-3
-
Ps
Turn-ON Time
tON
-2
-
Ps
VCC = 5V, IF = 16 mA,
RL = 1.9k
:
Fig. 1, 17
Storage Time
TS
-25
-
Ps
Turn-OFF Time
tOFF
-40
-
Ps
Common Mode
Rejection Voltage
CMR
-
10
-
kV/
Ps
Ta=25ºC, RL=470
:,
VCM=1.5kV(peak),
IF=0mA, VCC=9V,
Vnp=100mV
Fig.20
Figure 2. Frequency Response Test Circuit
Figure 1. Switching Time Test Circuit
,)
5 /
9 &&
9 &(
,)
9 &(
WRQ
WRII


WU
WI
WV
9
5 /
9 &&
2XWSXW
5 '



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com