Electronic Components Datasheet Search
  English  ▼

X  

B65887 Datasheet(PDF) 3 Page - EPCOS

Part # B65887
Description  Ferrites and accessories
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65887 Datasheet(HTML) 3 Page - EPCOS

  B65887 Datasheet HTML 1Page - EPCOS B65887 Datasheet HTML 2Page - EPCOS B65887 Datasheet HTML 3Page - EPCOS B65887 Datasheet HTML 4Page - EPCOS B65887 Datasheet HTML 5Page - EPCOS B65887 Datasheet HTML 6Page - EPCOS B65887 Datasheet HTML 7Page - EPCOS B65887 Datasheet HTML 8Page - EPCOS B65887 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
■
To IEC 62317-4
■
Optimized core cross section and increased
thickness of base for power applications
■
Without center hole
■
Delivery mode: sets
Magnetic characteristics (per set)
l/A = 0.35 mm–1
le
= 70 mm
Ae
= 200 mm2
Amin = 170 mm2
Ve
= 14000 mm3
Approx. weight 74 g/set
Gapped
Ungapped
Material
AL value
nH
s
approx.
mm
e
Ordering code
-E without center hole
N41
160
3%
1.90
45
B65887E0160A041
250
3%
1.00
70
B65887E0250A041
400
3%
0.50
111
B65887E0400A041
1000
5%
0.15
279
B65887E1000J041
Material
AL value
nH
e
PV
W/set
Ordering code
-E without center
hole
N49
3900 +30/–20%
1090
< 2.37 ( 50 mT, 500 kHz, 100
C) B65887E0000R049
N87
6000 +30/–20%
1670
< 7.40 (200 mT, 100 kHz, 100
C) B65887E0000R087
N97
6000 +30/–20%
1670
< 5.60 (200 mT, 100 kHz, 100
C) B65887E0000R097
N41
6800 +30/–20%
1890
< 2.52 (200 mT, 25 kHz, 100
C) B65887E0000R041
B65887
Core
RM 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com