Electronic Components Datasheet Search
  English  ▼

X  

APDS-9901 Datasheet(PDF) 21 Page - AVAGO TECHNOLOGIES LIMITED

Part # APDS-9901
Description  Digital Proximity and Ambient Light Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

APDS-9901 Datasheet(HTML) 21 Page - AVAGO TECHNOLOGIES LIMITED

Back Button APDS-9901 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED APDS-9901 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED APDS-9901 Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED APDS-9901 Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED APDS-9901 Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED APDS-9901 Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED APDS-9901 Datasheet HTML 23Page - AVAGO TECHNOLOGIES LIMITED APDS-9901 Datasheet HTML 24Page - AVAGO TECHNOLOGIES LIMITED APDS-9901 Datasheet HTML 25Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
Configuration Register (0x0D)
The configuration register sets the wait long time.
7
6
5
4
3
2
1
0
CONFIG
Reserved
WLONG
Reserved
0x0D
FIELD
BITS
DESCRIPTION
Reserved
7:2
Reserved. Write as 0.
WLONG
1
Wait Long. When asserted, the wait cycles are increased by a factor 12x from that programmed in
the WTIME register.
Reserved
0
Reserved. Write as 0.
Proximity Pulse Count Register (0x0E)
The proximity pulse count register sets the number of proximity pulses that will be transmitted. When proximity
detection is enabled, a proximity detect cycle occurs after each ALS cycle. PPCOUNT defines the number of pulses to be
transmitted at a 62.5 kHz rate.
7
6
5
4
3
2
1
0
PPCOUNT
PPCOUNT
0x0E
FIELD
BITS
DESCRIPTION
PPCOUNT
7:0
Proximity Pulse Count. Specifies the number of proximity pulses to be generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com