Electronic Components Datasheet Search
  English  ▼

X  

B67370 Datasheet(PDF) 2 Page - EPCOS

Part # B67370
Description  Ferrites and accessories
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B67370 Datasheet(HTML) 2 Page - EPCOS

  B67370_13 Datasheet HTML 1Page - EPCOS B67370_13 Datasheet HTML 2Page - EPCOS B67370_13 Datasheet HTML 3Page - EPCOS B67370_13 Datasheet HTML 4Page - EPCOS B67370_13 Datasheet HTML 5Page - EPCOS B67370_13 Datasheet HTML 6Page - EPCOS B67370_13 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
06/13
Please read Cautions and warnings and
Important notes at the end of this document.
■
For power transformers >1 kW (20 kHz)
Magnetic characteristics (per set)
U and I cores are supplied as single units. The AL value in the table applies to a core set comprising
two ungapped cores.
UU
93/152/20
UI
93/104/20
I/A
Ie
Ae
Amin
Ve
0.63
354
560
560
198000
0.46
258
560
560
144000
mm–1
mm
mm2
mm2
mm3
m
1000
750
g/set
Material
AL value
nH
e
PV
W/set
Ordering code
Combination UU 93/152/20
N27
3600 +30/–20%
1800
< 11 (100 mT, 25 kHz, 100 °C)
B67345B0010X027
N87
3900 +30/–20%
1960
< 4 (100 mT, 25 kHz, 100 °C)
B67345B0010X087
Combination UI 93/104/20
N27
4900 +30/–20%
1790
< 8 (100 mT, 25 kHz, 100 °C)
B67345B0010X027 (U)
B67345B0011X027 (I)
N87
5300 +30/–20%
1950
< 3 (100 mT, 25 kHz, 100 °C)
B67345B0010X087 (U)
B67345B0011X087 (I)
B67345
UI 93/104/20 cores
U 93/76/20 cores



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com