Electronic Components Datasheet Search
  English  ▼

X  

HSMS-286C Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-286C
Description  Surface Mount Microwave Schottky Detector Diodes
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-286C Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-286C Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-286C Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-286C Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-286C Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-286C Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-286C Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-286C Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-286C Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-286C Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
HSMS-286x Series
Surface Mount Microwave Schottky Detector Diodes
Data Sheet
SOT-23/SOT-143 Package Lead Code Identification
(top view)
Description
Avago’s HSMS‑286x family of DC biased detector diodes
have been designed and optimized for use from 915 MHz
to 5.8 GHz.They are ideal for RF/ID and RFTag applications
as well as large signal detection, modulation, RF to DC
conversion or voltage doubling.
Available in various package configurations, this family
of detector diodes provides low cost solutions to a wide
variety of design problems. Avago’s manufacturing
techniques assure that when two or more diodes are
mounted into a single surface mount package, they
are taken from adjacent sites on the wafer, assuring the
highest possible degree of match.
Pin Connections and Package Marking
SOT-323 Package Lead Code Identification (top view)
Notes:
1. Package marking provides orientation and identification.
2. The first two characters are the package marking code.
The third character is the date code.
Features
• Surface Mount SOT‑23/SOT‑143 Packages
• Miniature SOT‑323 and SOT‑363 Packages
• High Detection Sensitivity:
up to 50 mV/µW at 915 MHz
up to 35 mV/µW at 2.45 GHz
up to 25 mV/µW at 5.80 GHz
• Low FIT (Failure in Time) Rate*
• Tape and Reel Options Available
• Unique Configurations in Surface Mount SOT‑363
Package
– increase flexibility
– save board space
– reduce cost
• HSMS‑286K Grounded Center Leads Provide up to
10 dB Higher Isolation
• Matched Diodes for Consistent Performance
• Better Thermal Conductivity for Higher Power
Dissipation
• Lead‑free
* For more information see the Surface Mount Schottky Reliability
Data Sheet.
1
2
3
6
5
4
SOT-363 Package Lead Code Identification (top view)
SERIES
C
SINGLE
B
1
2
3
1
2
3
COMMON
CATHODE
F
COMMON
ANODE
E
1
2
3
1
2
3
BRIDGE
QUAD
P
UNCONNECTED
TRIO
L
RING
QUAD
R
1
2
3
6
5
4
1
2
3
6
5
4
1
2
3
6
5
4
HIGH ISOLATION
UNCONNECTED PAIR
K
1
2
3
6
5
4
COMMON
CATHODE
#4
UNCONNECTED
PAIR
#5
COMMON
ANODE
#3
SERIES
#2
SINGLE
#0
1
2
3
1
2
3
4
1
2
3
1
2
3
1
2
3


Similar Part No. - HSMS-286C

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-286C AVAGO-HSMS-286C Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes Tape and Reel Options Available
logo
Broadcom Corporation.
HSMS-286C BOARDCOM-HSMS-286C Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-286C AVAGO-HSMS-286C Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-286C-BLKG AVAGO-HSMS-286C-BLKG Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
More results

Similar Description - HSMS-286C

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2860 AVAGO-HSMS-2860_15 Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
logo
Broadcom Corporation.
HSMS-286B BOARDCOM-HSMS-286B Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-286C BOARDCOM-HSMS-286C Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-286E BOARDCOM-HSMS-286E Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-286F BOARDCOM-HSMS-286F Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-286K BOARDCOM-HSMS-286K Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-2860 BOARDCOM-HSMS-2860 Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-2863 BOARDCOM-HSMS-2863 Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-2864 BOARDCOM-HSMS-2864 Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-2865 BOARDCOM-HSMS-2865 Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com