Electronic Components Datasheet Search
  English  ▼

X  

S1C17621 Datasheet(PDF) 2 Page - Epson Company

Part # S1C17621
Description  16-bit Single Chip Microcontroller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C17621 Datasheet(HTML) 2 Page - Epson Company

  S1C17621 Datasheet HTML 1Page - Epson Company S1C17621 Datasheet HTML 2Page - Epson Company S1C17621 Datasheet HTML 3Page - Epson Company S1C17621 Datasheet HTML 4Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S1C17624/604/622/602/621
2
Seiko Epson Corporation
Model
S1C17624
S1C17604
S1C17622
S1C17602
S1C17621
I/O ports
Max. 47 bits
Max. 36 bits
Max. 47 bits
Max. 36 bits
Number of general-purpose
I/O ports
(Pins are shared with the peripheral I/O.)
Serial interfaces
SPI
1 channel
I
2C master (I2CM)
1 channel
I
2C slave (I2CS)
1 channel
UART
2 channels (IrDA1.0 supported)
IR remote controller (REMC)
1 channel
LCD driver
LCD outputs
• 56SEG × 4COM
• 52SEG × 8COM
• 40SEG × 4COM
• 36SEG × 8COM
• 56SEG × 4COM
• 52SEG × 8COM
• 40SEG × 4COM
• 36SEG × 8COM
Other
1/3 bias (built-in power supply voltage booster circuit)
Timers
8-bit timer (T8F)
2 channels (with fine mode)
16-bit timer (T16)
3 channels
16-bit PWM timer (T16E)
1 channel
16-bit PWM timer (T16A2)
2 channels
8-bit OSC1 timer (T8OSC1)
1 channel
Clock timer (CT)
1 channel
Stopwatch timer (SWT)
1 channel
Watchdog timer (WDT)
1 channel
A/D converter
Conversion method
Successive approximation type
Number
of
analog
input
channels
8 channels (max.)
Resolution
10 bits
R/F converter
Conversion method
CR oscillation type with 24-bit counter
Number of conversion channels
2 channels (2 sensors can be connected to each channel.)
Sensor supported
DC-bias resistive/capacitive sensors and AC-bias resistive sensors
Other
Supports external input for counting pulses
Supply voltage detector (SVD)
Detection levels
15 programmable detection levels (1.8 V to 3.2 V)
Interrupts
Reset interrupt
#RESET pin
NMI
Watchdog timer
Programmable interrupts
20 systems (8 levels)
19 systems (8 levels)
Power supply voltage
Operating voltage (VDD)
• 1.8 V to 3.6 V (for normal operation)
• 2.7 V to 3.6 V (for Flash erasing/programming)
• Built-in voltage regulator (two operating voltages switchable)
Analog voltage (AVDD)
AVDD = VDD
Operating temperature
Operating temperature range
-25°C to 70°C
Current consumption (Typ. value)
0.75
μA
SLEEP state (ISLP)
OSC1 = OFF, IOSC = OFF, OSC3 = OFF
2.3
μA
2.5
μA
HALT state (IHALT1)
OSC1 = 32kHz, IOSC = OFF, OSC3 = OFF, PCKEN[1:0] = 0x0, LCD OFF
4.0
μA
3.5
μA
HALT
state
(IHALT1
+
ILCD2)
OSC1 = 32kHz, IOSC = OFF, OSC3 = OFF, PCKEN[1:0] = 0x0, LCD ON
(checker pattern displayed, highest contrast, VC2 reference voltage)
14
μA
15
μA
Run state (IEXE1)
CPU = OSC1, OSC1 = 32kHz, IOSC = OFF, OSC3 = OFF, LCD OFF
400
μA
410
μA
Run state (IEXE2)
CPU = OSC3, OSC1 = 32kHz, IOSC = OFF, OSC3 = 1MHz ceramic oscillation



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com