Electronic Components Datasheet Search
  English  ▼

X  

LM79M05 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM79M05
Description  LM79MXX Series 3-Terminal Negative Regulators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM79M05 Datasheet(HTML) 3 Page - Texas Instruments

  LM79M05 Datasheet HTML 1Page - Texas Instruments LM79M05 Datasheet HTML 2Page - Texas Instruments LM79M05 Datasheet HTML 3Page - Texas Instruments LM79M05 Datasheet HTML 4Page - Texas Instruments LM79M05 Datasheet HTML 5Page - Texas Instruments LM79M05 Datasheet HTML 6Page - Texas Instruments LM79M05 Datasheet HTML 7Page - Texas Instruments LM79M05 Datasheet HTML 8Page - Texas Instruments LM79M05 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LM79M05, LM79M12, LM79M15
www.ti.com
SNOS553D – MAY 1998 – REVISED APRIL 2013
Electrical Characteristics LM79M12C, LM79M15C
Conditions unless otherwise noted: IOUT = 350mA, CIN = 2.2μF, COUT = 1 μF, 0°C ≤ TJ ≤ +125°C
Part Number
LM79M12C
LM79M15C
Output Voltage
−12V
−15V
Units
Input Voltage (Unless Otherwise Specified)
−19V
−23V
Symbo
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
l
VO
Output Voltage
TJ = 25°C
−11.5
−12.0
−12.5
−14.4
−15.0
−15.6
V
5 mA
≤ IOUT ≤ 350mA
−11.4
−12.6
−14.25
−15.75
V
(
−27 ≤ VIN ≤ −14.5)
(
−30 ≤ VIN ≤ −10.5)
ΔVO
Line Regulation
TJ = 25°C
(1)
5
80
5
80
mV
(
−30 ≤ VIN ≤ −14.5)
(
−30 ≤ VIN ≤−17.5)
3
50
3
50
mV
(
−25 ≤ VIN ≤ − 15)
(
−28 ≤ VIN ≤ −18)
ΔVO
Load Regulation
TJ = 25°C,
(1)
30
240
30
240
mV
5mA
≤ IOUT ≤ 0.5A
IQ
Quiescent Current
TJ = 25°C
1.5
3
1.5
3
mA
ΔIQ
Quiescent Current
With Input Voltage
0.4
0.4
mA
Change
(
−30 ≤ VIN ≤ −14.5)
(
−30 ≤ VIN ≤ −27)
With Load,
5mA
≤ IOUT ≤ 350mA
0.4
0.4
mA
Vn
Output Noise
TA = 25°C,
400
400
μV
Voltage
10Hz
≤ f ≤ 100Hz
Ripple Rejection
f = 120Hz
54
70
54
70
dB
(
−25 ≤ VIN ≤ −15)
(
−30 ≤ VIN ≤ −17.5)
Dropout Voltage
TJ = 25°C, IOUT = 0.5A
1.1
1.1
V
IOMAX
Peak Output Current
TJ = 25°C
800
800
mA
Average Temperature
IOUT = 5mA,
Coefficient of Output
0°C
≤ TJ ≤ 100°C
−0.8
−1.0
mV/°C
Voltage
(1)
Regulation is measured at a constant junction temperature by pulse testing with a low duty cycle. Changes in output voltage due to
heating effects must be taken into account.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM79M05 LM79M12 LM79M15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com