Electronic Components Datasheet Search
  English  ▼

X  

P16V8AS Datasheet(PDF) 7 Page - ATMEL Corporation

Part # P16V8AS
Description  Industry-standard Architecture Emulates Mary 20-pin PAL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

P16V8AS Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button P16V8AS Datasheet HTML 3Page - ATMEL Corporation P16V8AS Datasheet HTML 4Page - ATMEL Corporation P16V8AS Datasheet HTML 5Page - ATMEL Corporation P16V8AS Datasheet HTML 6Page - ATMEL Corporation P16V8AS Datasheet HTML 7Page - ATMEL Corporation P16V8AS Datasheet HTML 8Page - ATMEL Corporation P16V8AS Datasheet HTML 9Page - ATMEL Corporation P16V8AS Datasheet HTML 10Page - ATMEL Corporation P16V8AS Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
0364J–PLD–7/05
ATF16V8B/BQ/BQL
4.6
Power-up Reset
The registers in the ATF16V8Bs are designed to reset during power-up. At a point delayed
slightly from V
CC crossing VRST, all registers will be reset to the low state. As a result, the regis-
tered output state will always be high on power-up.
This feature is critical for state machine initialization. However, due to the asynchronous nature
of reset and the uncertainty of how V
CC actually rises in the system, the following conditions are
required:
1.
The V
CC rise must be monotonic,
2.
After reset occurs, all input and feedback setup times must be met before driving the
clock pin high, and
3.
The clock must remain stable during t
PR.
Figure 4-1.
Power-up Reset Waveforms
4.7
Preload of Registered Outputs
The ATF16V8B’s registers are provided with circuitry to allow loading of each register with either
a high or a low. This feature will simplify testing since any state can be forced into the registers
to control test sequencing. A JEDEC file with preload is generated when a source file with vec-
tors is compiled. Once downloaded, the JEDEC file preload sequence will be done automatically
by most of the approved programmers after the programming.
5.
Security Fuse Usage
A single fuse is provided to prevent unauthorized copying of the ATF16V8B fuse patterns. Once
programmed, fuse verify and preload are inhibited. However, the 64-bit User Signature remains
accessible.
The security fuse should be programmed last, as its effect is immediate.
Table 4-2.
Power-up Reset Parameters
Parameter
Description
Typ
Max
Units
t
PR
Power-up
Reset Time
600
1,000
ns
VRST
Power-up
Reset Voltage
3.8
4.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com