Electronic Components Datasheet Search
  English  ▼

X  

RLT6530G Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # RLT6530G
Description  Visible Laser Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLT6530G Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  RLT6530G Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Visible Laser Diode
OPTICAL AND ELECTRICAL CHARACTERISTICS ( Tc=25ºC )
DESCRIPTION
SYMBOL
MIN.
TYPICAL
MAX.
TEST CONDITION
Lasing Wavelength (nm)
λλp
645
655
665
Po=30mW
Threshold Current (mA)
Ith
30
50
70
Po=30mW
Operation Current (mA)
Iop
60
80
100
Po=30mW
Operation Voltage (V)
Vop
2.0
2.2
2.7
Po=30mW
Monitor Current (µA)
Im
10
-
-
Po=30mW, VR=5V
Slope Efficiency (mW/mA)
ç
0.3
0.4
0.7
***
Beam Divergence ¦ (º)
θθ¦
8
10
11
Po=30mW
Beam Divergence
⊥
⊥ (º)
θ⊥
θ⊥
25
31
40
Po=30mW
Astigmatism (µm)
As
***
11
***
Po=30mW, NA=0.4
ABSOLUTE MAXIMUM RATINGS ( Tc=25ºC )
DESCRIPTION
SYMBOL
RATED VALUE
Optical Power (mW)
Po
30
Operation Temperature (ºC)
Top
-10 to +40
Storage Temperature (ºC)
Tstg
-40 to +85
LD Reverse Voltage (V)
VLDR
2
PD Reverse Voltage (V)
VPDR
30
Features
•
Index Guided MQW Structure
•
Wavelength : 655 nm (Typ.)
•
Optical Power : 30 mW CW
•
Threshold Current : 50 mA ( Typ. )
•
Standard Package : 9.0 mm Ø
RLT6530G


Similar Part No. - RLT6530G

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLT65300T ROITHNER-RLT65300T Datasheet
128Kb / 3P
High Power Visible Laser Diode
More results

Similar Description - RLT6530G

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD1121VS SONY-SLD1121VS Datasheet
51Kb / 6P
5mW Visible Laser Diode
SLD1122VS SONY-SLD1122VS Datasheet
56Kb / 6P
5mW Visible Laser Diode
logo
Opnext. Inc.
HL6501MG OPNEXT-HL6501MG Datasheet
93Kb / 4P
Visible High Power Laser Diode
logo
List of Unclassifed Man...
ADL-66201TL ETC2-ADL-66201TL Datasheet
409Kb / 2P
Visible Laser Diode
logo
Roithner LaserTechnik G...
QL65J7SA ROITHNER-QL65J7SA Datasheet
181Kb / 3P
Visible Laser Diode
RLT635_100G ROITHNER-RLT635_100G Datasheet
109Kb / 2P
High Power Visible Laser Diode
RLT650_200G ROITHNER-RLT650_200G Datasheet
186Kb / 3P
High Power Visible Laser Diode
RLT65300T ROITHNER-RLT65300T Datasheet
128Kb / 3P
High Power Visible Laser Diode
RLT635-100GPD ROITHNER-RLT635-100GPD Datasheet
186Kb / 3P
high power visible laser diode
logo
Renesas Technology Corp
NDL3321ST RENESAS-NDL3321ST Datasheet
187Kb / 10P
VISIBLE LASER DIODE
1996
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com