Electronic Components Datasheet Search
  English  ▼

X  

LM2674 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2674
Description  LM2674 SIMPLE SWITCHER짰 Power Converter High Efficiency 500 mA Step-Down Voltage Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2674 Datasheet(HTML) 2 Page - Texas Instruments

  LM2674 Datasheet HTML 1Page - Texas Instruments LM2674 Datasheet HTML 2Page - Texas Instruments LM2674 Datasheet HTML 3Page - Texas Instruments LM2674 Datasheet HTML 4Page - Texas Instruments LM2674 Datasheet HTML 5Page - Texas Instruments LM2674 Datasheet HTML 6Page - Texas Instruments LM2674 Datasheet HTML 7Page - Texas Instruments LM2674 Datasheet HTML 8Page - Texas Instruments LM2674 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
1
2
3
4
7
8
9
10
5
6
11
12
13
14
15
16
CB
FB
VSW
VSW
VIN
GND
GND
ON/OFF
* No Connections
DAP
**
**Connect to Pins 11, 12 on PCB
*
*
*
*
*
*
*
*
LM2674
SNVS007F – SEPTEMBER 1998 – REVISED APRIL 2013
www.ti.com
DESCRIPTION (CONTINUED)
Other features include an ensured ±1.5% tolerance on output voltage within specified input voltages and output
load conditions, and ±10% on the oscillator frequency. External shutdown is included, featuring typically 50
μA
stand-by current. The output switch includes current limiting, as well as thermal shutdown for full protection under
fault conditions.
To simplify the LM2674 buck regulator design procedure, there exists computer design software, LM267X Made
Simple (Version 6.0).
Connection Diagrams
Figure 1. 16-Lead WSON Surface Mount Package
Top View
See Package Drawing Number NHN
Figure 2. SOIC-8/PDIP Package
See Package Drawing Number D0008A/P0008E
Top View
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM2674



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com