Electronic Components Datasheet Search
  English  ▼

X  

MSB710-RT1 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MSB710-RT1
Description  PNP General Purpose Amplifier Transistors Surface Mount
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MSB710-RT1 Datasheet(HTML) 5 Page - Motorola, Inc

  MSB710-RT1 Datasheet HTML 1Page - Motorola, Inc MSB710-RT1 Datasheet HTML 2Page - Motorola, Inc MSB710-RT1 Datasheet HTML 3Page - Motorola, Inc MSB710-RT1 Datasheet HTML 4Page - Motorola, Inc MSB710-RT1 Datasheet HTML 5Page - Motorola, Inc MSB710-RT1 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MSB710-QT1 MSB710-RT1
5
Motorola Small–Signal Transistors, FETs and Diodes Device Data
PACKAGE DIMENSIONS
CASE 318D–03
ISSUE E
STYLE 1:
PIN 1. EMITTER
2. BASE
3. COLLECTOR
S
G
H
D
C
B
L
A
1
3
2
J
K
DIM
A
MIN
MAX
MIN
MAX
INCHES
2.70
3.10
0.1063
0.1220
MILLIMETERS
B
1.30
1.70
0.0512
0.0669
C
1.00
1.30
0.0394
0.0511
D
0.35
0.50
0.0138
0.0196
G
1.70
2.10
0.0670
0.0826
H
0.013
0.100
0.0005
0.0040
J
0.10
0.26
0.0040
0.0102
K
0.20
0.60
0.0079
0.0236
L
1.25
1.65
0.0493
0.0649
S
2.50
3.00
0.0985
0.1181
NOTES:
1.
DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2.
CONTROLLING DIMENSION: MILLIMETER.
SC–59



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com