Electronic Components Datasheet Search
  English  ▼

X  

LM2733 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM2733
Description  LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2733 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2733 Datasheet HTML 9Page - Texas Instruments LM2733 Datasheet HTML 10Page - Texas Instruments LM2733 Datasheet HTML 11Page - Texas Instruments LM2733 Datasheet HTML 12Page - Texas Instruments LM2733 Datasheet HTML 13Page - Texas Instruments LM2733 Datasheet HTML 14Page - Texas Instruments LM2733 Datasheet HTML 15Page - Texas Instruments LM2733 Datasheet HTML 16Page - Texas Instruments LM2733 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
ILOAD(max) = (1 - DC) x (ISW(max) - DC (VIN - VSW))
2fL
LM2733
www.ti.com
SNVS209E – NOVEMBER 2002 – REVISED APRIL 2013
CALCULATING LOAD CURRENT
As shown in the figure which depicts inductor current, the load current is related to the average inductor current
by the relation:
ILOAD = IIND(AVG) x (1 - DC)
(7)
Where "DC" is the duty cycle of the application. The switch current can be found by:
ISW = IIND(AVG) + ½ (IRIPPLE)
(8)
Inductor ripple current is dependent on inductance, duty cycle, input voltage and frequency:
IRIPPLE = DC x (VIN-VSW) / (f x L)
(9)
combining all terms, we can develop an expression which allows the maximum available load current to be
calculated:
(10)
The equation shown to calculate maximum load current takes into account the losses in the inductor or turn-OFF
switching losses of the FET and diode. For actual load current in typical applications, we took bench data for
various input and output voltages for both the "X" and "Y" versions of the LM2733 and displayed the maximum
load current available for a typical device in graph form:
Figure 30. Max. Load Current vs VIN - "X"
Figure 31. Max. Load Current vs VIN - "Y"
DESIGN PARAMETERS VSW AND ISW
The value of the FET "ON" voltage (referred to as VSW in the equations) is dependent on load current. A good
approximation can be obtained by multiplying the "ON Resistance" of the FET times the average inductor
current.
FET on resistance increases at VIN values below 5V, since the internal N-FET has less gate voltage in this input
voltage range (see Typical Performance Characteristics curves). Above VIN = 5V, the FET gate voltage is
internally clamped to 5V.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com