Electronic Components Datasheet Search
  English  ▼

X  

LM2733XMF Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM2733XMF
Description  LM2733 0.6/1.6 MHz Boost Converters With 40V Internal FET Switch in SOT-23
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2733XMF Datasheet(HTML) 4 Page - Texas Instruments

  LM2733XMF Datasheet HTML 1Page - Texas Instruments LM2733XMF Datasheet HTML 2Page - Texas Instruments LM2733XMF Datasheet HTML 3Page - Texas Instruments LM2733XMF Datasheet HTML 4Page - Texas Instruments LM2733XMF Datasheet HTML 5Page - Texas Instruments LM2733XMF Datasheet HTML 6Page - Texas Instruments LM2733XMF Datasheet HTML 7Page - Texas Instruments LM2733XMF Datasheet HTML 8Page - Texas Instruments LM2733XMF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
-40
-25
0
25
50
75
100
125
TEMPERATURE (
oC)
92.7
92.8
92.9
93.0
93.1
93.2
93.3
93.4
96.05
96.1
96.15
96.2
96.25
96.3
96.35
96.4
96.45
96.5
96.55
TEMPERATURE (
oC)
-50 -25
0
25
50
75
100 125 150
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (
oC)
0.575
0.580
0.585
0.590
0.595
0.600
0.605
0.610
0.615
-50
-25
0
25
50
75
100
125
150
TEMPERATURE (
oC)
0.98
0.99
1
1.01
1.02
1.03
1.04
1.05
1.06
LM2733
SNVS209E – NOVEMBER 2002 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics
Unless otherwise specified: VIN = 5V, SHDN pin is tied to VIN.
Iq VIN (Active) vs Temperature - "X"
Iq VIN (Active) vs Temperature - "Y"
Figure 2.
Figure 3.
Oscillator Frequency vs Temperature - "X"
Oscillator Frequency vs Temperature - "Y"
Figure 4.
Figure 5.
Max. Duty Cycle vs Temperature - "X"
Max. Duty Cycle vs Temperature - "Y"
Figure 6.
Figure 7.
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM2733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com