Electronic Components Datasheet Search
  English  ▼

X  

LM5020 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM5020
Description  LM5020 100V Current Mode PWM Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5020 Datasheet(HTML) 3 Page - Texas Instruments

  LM5020 Datasheet HTML 1Page - Texas Instruments LM5020 Datasheet HTML 2Page - Texas Instruments LM5020 Datasheet HTML 3Page - Texas Instruments LM5020 Datasheet HTML 4Page - Texas Instruments LM5020 Datasheet HTML 5Page - Texas Instruments LM5020 Datasheet HTML 6Page - Texas Instruments LM5020 Datasheet HTML 7Page - Texas Instruments LM5020 Datasheet HTML 8Page - Texas Instruments LM5020 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LM5020
www.ti.com
SNVS275F – MAY 2004 – REVISED APRIL 2006
Absolute Maximum Ratings
(1) (2)
VIN to GND
-0.3V to 100V
VCC to GND
-0.3V to 16V
RT to GND
-0.3V to 5.5V
All other pins to GND
-0.3V to 7V
Power Dissipation
Internally Limited
ESD Rating(3)
Human Body Model
2kV
Storage Temperature
-65°C to +150°C
Junction Temperature
150°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For ensured specifications and test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5k
Ω resistor.
Operating Ratings
VIN Voltage
13V to 90V
External Voltage applied to VCC
8V to 15V
Operating Junction Temperature
-40°C to +125°C
Electrical Characteristics
Specifications in standard type face are for TJ= +25°C and those in boldface type apply over the full operating junction
temperature range. Unless otherwise specified: VIN = 48V, VCC = 10V, and RT = 31.6k
Ω.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Startup Regulator
VCCReg
VCC Regulation
VCC = Open
7.4
7.7
8.0
V
VCC Current Limit
See(2)
15
22
mA
I-VIN
Startup Regulator Leakage
VIN = 100V
150
500
µA
IIN
Shutdown Current
VUVLO = 0V, VCC = open
250
350
µA
VCC Supply
VCC UVLO (Rising)
VccReg
VccReg -
V
- 300mV
100mV
VCC UVLO (Falling)
5.3
6.0
6.7
V
ICC
Supply Current
Cload = 0
2
3
mA
Error Amplifier
GBW
Gain Bandwidth
4
MHz
DC Gain
75
dB
Reference Voltage
FB = COMP
1.225
1.25
1.275
V
COMP Sink Capability
FB = 1.5V COMP= 1V
5
17
mA
UVLO Pin
Shutdown Threshold
1.225
1.25
1.275
V
Undervoltage Shutdown Hysteresis
16
20
24
µA
Current Source
Current Limit
ILIM Delay to Output
CS step from 0 to 0.6V
30
ns
Time to onset of OUT
Transition (90%)
Cycle by Cycle CS Threshold
0.45
0.5
0.55
V
Voltage
Leading Edge Blanking Time
50
ns
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation using
Statistical Quality Control (SQC) methods. The limits are used to calculate National's Average Outgoing Quality Level (AOQL).
(2)
Device thermal limitations may limit usable range.
Copyright © 2004–2006, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com