Electronic Components Datasheet Search
  English  ▼

X  

LM5041AMTCX Datasheet(PDF) 12 Page - Texas Instruments

Part # LM5041AMTCX
Description  LM5041A Cascaded PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5041AMTCX Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5041AMTCX Datasheet HTML 8Page - Texas Instruments LM5041AMTCX Datasheet HTML 9Page - Texas Instruments LM5041AMTCX Datasheet HTML 10Page - Texas Instruments LM5041AMTCX Datasheet HTML 11Page - Texas Instruments LM5041AMTCX Datasheet HTML 12Page - Texas Instruments LM5041AMTCX Datasheet HTML 13Page - Texas Instruments LM5041AMTCX Datasheet HTML 14Page - Texas Instruments LM5041AMTCX Datasheet HTML 15Page - Texas Instruments LM5041AMTCX Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
RT =
(1/F) - 235 x 10
-9
182 x 10
-12
:
LM5041A
SNVS350B – MARCH 2005 – REVISED MARCH 2013
www.ti.com
Current Limit/Current Sense
The LM5041A provides cycle-by-cycle over-current protection. If the voltage at the CS comparator (CS pin
voltage plus slope comp voltage) exceeds 0.5V the present buck stage duty cycle is terminated (cycle by cycle
current limit). A small RC filter located near the controller is recommended to filter current sense signals at the
CS pin. An internal MOSFET discharges the external CS pin for an additional 50ns at the beginning of each
cycle to reduce the leading edge spike that occurs when the buck stage MOSFET is turned on.
The LM5041A current sense and PWM comparators are very fast, and may respond to short duration noise
pulses. Layout considerations are critical for the current sense filter and sense resistor. The capacitor associated
with the CS filter must be placed close to the device and connected directly to the pins of the controller (CS and
GND). If a current sense transformer is used, both leads of the transformer secondary should be routed to the
sense resistor, which should also be located close to the IC. A resistor may be used for current sensing instead
of a transformer, located in the push-pull transistor sources, but a low inductance type of resistor is required.
When designing with a sense resistor, all of the noise sensitive low power grounds should be connected together
around the IC and a single connection should be made to the high current power ground (sense resistor ground
point).
Oscillator and Sync Capability
The LM5041A oscillator is set by a single external resistor connected between the RT pin and GND. To set a
desired oscillator frequency (F), the necessary RT resistor can be calculated from:
(1)
The buck stage will switch at the oscillator frequency and each push-pull output will switch at half the oscillator
frequency in a push-pull configuration. The LM5041A can also be synchronized to an external clock. The external
clock must have a higher frequency than the free running frequency set by the RT resistor. The clock signal
should be capacitively coupled into the RT pin with a 100pF capacitor. A peak voltage level greater than 3V is
required for detection of the sync pulse. The sync pulse width should be set in the 15 to 150ns range by the
external components. The RT resistor is always required, whether the oscillator is free running or externally
synchronized. The voltage at the RT pin is internally regulated to 2V. The RT resistor should be located very
close to the device and connected directly to the pins of the IC (RT and GND).
Slope Compensation
The PWM comparator compares the current sense signal to the voltage at the COMP pin. The output stage of
the internal error amplifier generally drives the COMP pin. At duty cycles greater than 50 percent, current mode
control circuits are subject to sub-harmonic oscillation. By adding an additional fixed ramp signal (slope
compensation) to the current sense ramp, oscillations can be avoided. The LM5041A integrates this slope
compensation by buffering the internal oscillator ramp and summing a current ramp generated by the oscillator
internally with the current sense signal. Additional slope compensation may be provided by increasing the source
impedance of the current sense signal.
Soft-start and Shutdown
The soft-start feature allows the power converter to gradually reach the initial steady state operating point,
thereby reducing start-up stresses and surges. At power on, a 10uA current is sourced out of the soft-start pin
(SS) to charge an external capacitor. The capacitor voltage will ramp up slowly and will limit the maximum duty
cycle of the buck stage. In the event of a fault as indicated by VCC Under-voltage, line Under-voltage the output
drivers are disabled and the soft-start capacitor is discharged to 0.7V. When the fault condition is no longer
present, a soft-start sequence will begin again and buck stage duty cycle will gradually increase as the soft-start
capacitor is charged.
Thermal Protection
Internal Thermal Shutdown circuitry is provided to protect the integrated circuit in the event that the maximum
junction temperature is exceeded. When activated, typically at 165 degrees Celsius, the controller is forced into a
low-power standby state, disabling the output drivers and the bias regulator. This feature is provided to prevent
catastrophic failures from accidental device overheating.
12
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM5041A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com